Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 25Page - Linear Technology LTC3853_15 Datasheet HTML 26Page - Linear Technology LTC3853_15 Datasheet HTML 27Page - Linear Technology LTC3853_15 Datasheet HTML 28Page - Linear Technology LTC3853_15 Datasheet HTML 29Page - Linear Technology LTC3853_15 Datasheet HTML 30Page - Linear Technology LTC3853_15 Datasheet HTML 31Page - Linear Technology LTC3853_15 Datasheet HTML 32Page - Linear Technology LTC3853_15 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LTC3853
29
3853fc
For more information www.linear.com/LTC3853
Channel 1 will have ~2.3A (46%) ripple, and both channel
2 and channel 3 will have ~1.75A (35%) ripple. The peak
inductor current will be the maximum DC value plus one-
half the ripple current, or 6.15A for channel 1 and 5.88A
for channels 2 and 3.
With ILIM high, the equivalent RSENSE resistor value can be
calculated by using the minimum value for the maximum
current sense threshold (65mV).
RSENSE(EQUIV) =
VSENSE(MIN)
ILOAD(MAX) +
∆IL(NOM)
2
=
65mV
1.2 • 5A
+
∆IL(MAX)
2


≅ 9mΩ
The 1.2 factor adds margin for component variation and
overcurrent headroom during full load transients.
TheequivalentRSENSEisthesameforchannels1,2and3.
The Vishay IHLP2525CZER3R3M01 (30mΩ DCRMAX at
20°C) and IHLP2525CZER1R5M01 (15mΩ DCRMAX at
20°C,)arechosen.At100°C,theestimatedmaximumDCR
values are 39.6mV and 19.8mV. The divider ratios are:
RD =
RSENSE(EQUIV)
DCRMAX at TL(MAX)
=
9m
Ω
39.6m
Ω
= 0.23;
and
9m
Ω
19.8m
Ω
≅ 0.45
For each channel, 0.1µF is selected for C1.
R1||R2
=
L
(DCRMAX at 20°C)•C1
=
3.3
µH
30m
Ω • 0.1µF
= 1100Ω and
1.5
µH
15m
Ω • 0.1µF
= 1000Ω
APPLICATIONS INFORMATION
Figure 13. High Efficiency Triple 5V/3.3V/1.2V Step-Down Converter
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1,2,3
VIN
INTVCC
LTC3853
DRVCC12
MODE/PLLIN
20k
1%
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
EXTVCC
TK/SS1,2,3
VFB3
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1,2,3
PGOOD3
4.75k
1430
20k
1%
3.16k
1nF
63.4k
1%
4.7µF
10k
INTVCC
VOUT1
5V
5A
VOUT2
3.3V
5A
20k
1%
3853 F13
2.43k
4.75k
VOUT3
1.2V
5A
VIN
7V TO 20V
CITH1,2,3
RITH1,2,3
0.1µF
330µF
10V
M1, M2, M3: Si4816BDY
CHANNEL 1: RITH1 = 15k, CITH1 = 1.5nF, CP1 = 220pF
CHANNEL 2: RITH2 = 18k, CITH2 = 1.5nF, CP2 = 220pF
CHANNEL 3: RITH3 = 10k, CITH3 = 1.5nF, CP3 = 330pF
FOR CHANNEL 3, 0.068µF WAS SUBSTITUTED FOR 0.1µF AND 2.43k WAS SUBSTITUTED
FOR 2.21k TO MEET MINIMUM 15mV RIPPLE AT SENSE INPUT REQUIREMENT
CP1,2,3
22µF
50V
CSS1,2,3
0.1µF
0.1µF
10pF
1430
3.3µH
3.3µH
1.5µH
CB1,2,3 0.1µF
SW1,2,3
DB1,2,3
M2
M1
M3
0.068µF
1.82k
+
330µF
6V
+
330µF
6V
+
10k
1%
105k
1%
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com