Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 17Page - Linear Technology LTC3853_15 Datasheet HTML 18Page - Linear Technology LTC3853_15 Datasheet HTML 19Page - Linear Technology LTC3853_15 Datasheet HTML 20Page - Linear Technology LTC3853_15 Datasheet HTML 21Page - Linear Technology LTC3853_15 Datasheet HTML 22Page - Linear Technology LTC3853_15 Datasheet HTML 23Page - Linear Technology LTC3853_15 Datasheet HTML 24Page - Linear Technology LTC3853_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC3853
21
3853fc
For more information www.linear.com/LTC3853
Topside MOSFET Driver Supply (CB, DB)
Externalbootstrapcapacitors,CB,connectedtotheBOOST
pins supply the gate drive voltages for the topside MOS-
FETs. Capacitor CB in the Functional Diagram is charged
though external diode, DB, from INTVCC when the SW
pin is low. When one of the topside MOSFETs is to be
turned on, the driver places the CB voltage across the
gate source of the desired MOSFET. This enhances the
MOSFET and turns on the topside switch. The switch
node voltage, SW, rises to VINandtheBOOSTpinfollows.
With the topside MOSFET on, the boost voltage is above
the input supply: VBOOST = VIN + VINTVCC. The value of
the boost capacitor, CB, needs to be 100 times that of
the total input capacitance of the topside MOSFET(s).
The reverse breakdown of the external Schottky diode
must be greater than VIN(MAX). When adjusting the gate
drive level, the final arbiter is the total input current for
the regulator. If a change is made and the input current
decreases, then the efficiency has improved. If there is
no change in input current, then there is no change in
efficiency.
Undervoltage Lockout
The LTC3853 has two functions that help protect the
controller in case of undervoltage conditions. A precision
UVLO comparator constantly monitors the INTVCCvoltage
to ensure that an adequate gate-drive voltage is present.
It locks out the switching action when INTVCC is below
3.35V. To prevent oscillation when there is a disturbance
on the INTVCC, the UVLO comparator has 500mV of preci-
sion hysteresis.
Another way to detect an undervoltage condition is to
monitor the VIN supply. Because the RUN pins have a
precision turn-on reference of 1.2V, one can use a
resistor divider to VIN to turn on the IC when VIN is
high enough. An extra 4.5µA of current flows out of the
RUN pin once the RUN pin voltage passes 1.2V. One
can program the hysteresis of the run comparator by
adjusting the values of the resistive divider. For accurate
VIN undervoltage detection using the RUN pin, VIN needs
to be higher than 4V.
CIN and COUT Selection
The selection of CIN is simplified by the 3-phase architec-
ture and its impact on the worst-case RMS current drawn
throughtheinputnetwork(battery/fuse/capacitor).Itcanbe
shown that the worst-case capacitor RMS current occurs
when only one controller is operating. The controller with
the highest (VOUT)(IOUT) product needs to be used in the
formula below to determine the maximum RMS capacitor
current requirement. Increasing the output current drawn
from the other controllers will actually decrease the input
RMS ripple current from its maximum value. The out-of-
phase technique typically reduces the input capacitor’s
RMS ripple current by a factor of 30% to 70% when
compared to a single phase power supply solution.
Incontinuousmode,thesourcecurrentofthetopMOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the
maximum RMS current of one channel must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS ≈
IMAX
VIN
VOUT
(
) VIN – VOUT
(
)


1/2
This formula has a maximum at VIN = 2VOUT, where IRMS
= IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offermuchrelief.Notethatcapacitormanufacturers’ripple
current ratings are often based on only 2000 hours of life.
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet
size or height requirements in the design. Due to the high
operating frequency of the LTC3853, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
The benefit of the LTC3853 3-phase operation can be cal-
culated by using the equation above for the higher power
controller and then calculating the loss that would have
resulted if all controller channels switched on at the same
time. The total RMS power lost is lower when more than
one controller is operating due to the reduced overlap of
current pulses required through the input capacitor’s ESR.
This is why the input capacitor’s requirement calculated
above for the worst-case controller is adequate for the
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com