Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 1 Page - Linear Technology

  LTC3853_15 Datasheet HTML 1Page - Linear Technology LTC3853_15 Datasheet HTML 2Page - Linear Technology LTC3853_15 Datasheet HTML 3Page - Linear Technology LTC3853_15 Datasheet HTML 4Page - Linear Technology LTC3853_15 Datasheet HTML 5Page - Linear Technology LTC3853_15 Datasheet HTML 6Page - Linear Technology LTC3853_15 Datasheet HTML 7Page - Linear Technology LTC3853_15 Datasheet HTML 8Page - Linear Technology LTC3853_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3853
1
3853fc
For more information www.linear.com/LTC3853
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Triple Output,
Multiphase Synchronous
Step-Down Controller
The LTC®3853 is a high performance triple output step-
down switching regulator controller that drives all N-
channel synchronous power MOSFET stages. Power loss
and supply noise are minimized by operating the output
stages out of phase. The part can be configured as a dual
phase controller plus a single phase controller if needed.
Thepartcanalsobeconfiguredtoprovideasingle3-phase
output for even higher output currents.
A wide 4.5V to 24V (28V maximum) input voltage sup-
ply range encompasses most battery chemistries and
intermediate bus voltages. Phase 3 can regulate output
voltages up to 13.5V. A constant-frequency current mode
architecture allows for a phase-lockable frequency up to
750kHz.
Independent TK/SS pins for each output ramps the output
voltagesandcanbeconfiguredforcoincidentorratiometric
tracking. Current foldback limits MOSFET heat dissipation
during short-circuit conditions. The MODE/PLLIN pin
selects among Burst Mode® operation, pulse-skipping or
continuous inductor current modes.
High Efficiency Triple 5V/3.3V/1.2V Step-Down Converter
n
Triple, 120° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
n
Configurable as a 180° Dual Phase Controller Plus a
Single Phase Controller
n
The Third Phase Can Regulate Up to a 13.5V Output
n
High Efficiency: Up to 92%
n
RSENSE or DCR Current Sensing
n
±0.75% 0.8V Output Voltage Accuracy
n
Phase-Lockable Fixed Frequency 250kHz to 750kHz
n
Supports Pre-Biased Outputs
n
Dual N-Channel MOSFET Synchronous Drive
n
Wide VIN Range: 4.5V to 24V Operation (28V Abs Max)
n
Adjustable Soft-Start Current Ramping or Tracking
n
Foldback Output Current Limiting
n
Output Overvoltage Protection
n
Dual Power Good Output Voltage Monitors
n
40-Lead 6mm × 6mm QFN Package
L
, LT, LTC, LTM, Linear Technology, Burst Mode, Polyphase and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents, including 5481178, 5705919, 5929620, 6100678,
6144194, 6177787, 6304066, 6580258.
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1,2,3
VIN
INTVCC
LTC3853
MODE/PLLIN
20k
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
TK/SS1,2,3
VFB3
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1,2,3
PGOOD3
2.2k
15k
20k
63.4k
0.1µF
4.7µF
10k
fIN
500kHz
VOUT1
5V
5A
VOUT2
3.3V
5A
20k
1k
2.2k
VOUT3
1.2V
5A
VIN
7V TO 24V
1500pF
100µF
10V
220pF
10nF
22µF
50V
0.1µF
0.1µF
2.2µH
2.2µH
1µH
0.1µF
SW1,2,3
0.1µF
+
100µF
6V
+
100µF
6V
+
10k
105k


Similar Part No. - LTC3853_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853EUJ LINER-LTC3853EUJ Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853EUJ-PBF LINER-LTC3853EUJ-PBF Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853EUJ-TR LINER-LTC3853EUJ-TR Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853EUJ-TRPBF LINER-LTC3853EUJ-TRPBF Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853IUJ LINER-LTC3853IUJ Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
More results

Similar Description - LTC3853_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
Triple Output, Multiphase Synchronous Step-Down Controller
logo
Texas Instruments
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
Output Current Triple Synchronous Step-Down Converter
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
Output Current Triple Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com