Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 28Page - Linear Technology LTC3853_15 Datasheet HTML 29Page - Linear Technology LTC3853_15 Datasheet HTML 30Page - Linear Technology LTC3853_15 Datasheet HTML 31Page - Linear Technology LTC3853_15 Datasheet HTML 32Page - Linear Technology LTC3853_15 Datasheet HTML 33Page - Linear Technology LTC3853_15 Datasheet HTML 34Page - Linear Technology LTC3853_15 Datasheet HTML 35Page - Linear Technology LTC3853_15 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC3853
36
3853fc
For more information www.linear.com/LTC3853
LINEAR TECHNOLOGY CORPORATION 2008
LT 0315 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3853
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC3850/LTC3850-1/
LTC3850-2
Dual Output Synchronous Step-Down DC/DC Controller
RSENSE or DCR Current Sensing
Phase-Lockable Fixed 250kHz to 780kHz Frequency,
4V ≤ VIN ≤ 30V, 0.8V ≤ VOUT ≤ 5.25V
LTC3861
Dual Output Synchronous Step-Down DC/DC Controller with
Diff Amp, DCR Current Sense, PolyPhase® and Three-State
Output Drive
Operates with Power Blocks, DRMOS Devices or External
MOSFETs 3V ≤ VIN ≤ 24V
LTC3855
Dual Output Synchronous Step-Down DC/DC Controller with
Diff Amp, PolyPhase and DCR Temperature Compensation
Phase-Lockable Fixed Frequency 250kHz to 770kHz,
4.5V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 12V
LTC3829
3-Phase, Single Output Synchronous Step-Down DC/DC
Controller with Diff Amp, PolyPhase and DCR Temperature
Compensation
Phase-Lockable Fixed 250kHz to 770kHz Frequency,
4.5V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 5V
LTC3856
2-Phase, Single Output Synchronous Step-Down DC/DC
Controller with Diff Amp, PolyPhase and DCR Temperature
Compensation
Phase-Lockable Fixed Frequency 250kHz to 770kHz,
4.5V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 5V
LTC3851A/
LTC3851A-1
Single Output Synchronous Step-Down DC/DC Controller
RSENSE or DCR Current Sensing
Phase-Lockable Fixed Operating Frequency 250kHz to 750kHz,
4V ≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 5.25V, MSOP-16E 3mm × 3mm
QFN-16, SSOP-16
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
VFB3
ITH1
ITH2
ITH3
VIN
INTVCC
DRVCC12
LTC3853
MODE/PLLIN
20k
1%
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
TK/SS1
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1
RUN2
RUN3
PGOOD3
EXTVCC
100*
100*
2.55k
4.7µF
10k
INTVCC
VOUT1
2.5V
40A
VOUT1
0.002
5%
VOUT1
VIN
6.5V TO 14V
CITH1
RITH1
1000pF*
660µF
4V
×3
RITH1 = 3.9k, CITH1 = 10nF, CP1 = 470pF • 3
SHORT TK/SS1, TK/SS2 AND TK/SS3 TOGETHER
CP1
180µF
16V
CSS1
0.33µF
1000pF
1000pF*
1000pF*
100*
100*
0.78µH
0.78µH
0.78µH
CB1,2,3 0.1µF
SW1,2,3
DB1,2,3
100*
+
3853 TA05
100*
43.2k
1%
0.002
5%
47pF
0.002
5%
*THESE FILTER COMPONENTS NEED TO BE CLOSE TO THE IC
TYPICAL APPLICATION
Three Phase 2.5V Output High Current Step-Down Converter with RSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com