Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 28Page - Linear Technology LTC3853_15 Datasheet HTML 29Page - Linear Technology LTC3853_15 Datasheet HTML 30Page - Linear Technology LTC3853_15 Datasheet HTML 31Page - Linear Technology LTC3853_15 Datasheet HTML 32Page - Linear Technology LTC3853_15 Datasheet HTML 33Page - Linear Technology LTC3853_15 Datasheet HTML 34Page - Linear Technology LTC3853_15 Datasheet HTML 35Page - Linear Technology LTC3853_15 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LTC3853
33
3853fc
For more information www.linear.com/LTC3853
TYPICAL APPLICATIONS
Dual 1.2V/2.5V High Current Step-Down Converter with RSENSE
TG1
TG2
BOOST1,2,3
SW1
SW2
BG1
BG2
SENSE1+
EXTVCC
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1,2,3
VIN
INTVCC
DRVCC12
LTC3853
MODE/PLLIN
20k
1%
FREQ/PLLFLTR
ILIM
PGND
PGOOD12
SGND
TK/SS3
VFB3
SENSE3–
SENSE3+
SW3
TG3
BG3
RUN1,3
PGOOD3
RUN2
100*
100*
2.55k
4.7µF
10k
INTVCC
VOUT1
1.2V
30A
VOUT1
20k
1%
0.002
5%
VOUT3
2.5V
15A
VIN
6.5V TO 14V
CITH1,3
RITH1,3
1000pF*
660µF
2.5V
×2
CHANNEL 1: RITH1 = 10k, CITH1 = 1500pF, CP1 = 220pF
CHANNEL 2: ITH1 AND ITH2 SHORTED TOGETHER,
TK/SS1 AND TK/SS2 SHORTED TOGETHER
CHANNEL 3: RITH3 = 13k, CITH3 = 1500pF, CP3 = 330pF
CP1,3
180µF
16V
CSS3
0.1µF
TK/SS1
CSS1
0.22µF
1000pF
1000pF*
1000pF*
100*
200k
100*
0.47µH
0.47µH
0.78µH
CB1,2,3 0.1µF
SW1,2,3
DB1,2,3
100*
+
660µF
4V
3853 TA04
+
43.2k
1%
100*
10k
1%
0.002
5%
47pF
0.002
5%
*THESE FILTER COMPONENTS NEED TO BE CLOSE TO THE IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com