Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 7Page - Linear Technology LTC3853_15 Datasheet HTML 8Page - Linear Technology LTC3853_15 Datasheet HTML 9Page - Linear Technology LTC3853_15 Datasheet HTML 10Page - Linear Technology LTC3853_15 Datasheet HTML 11Page - Linear Technology LTC3853_15 Datasheet HTML 12Page - Linear Technology LTC3853_15 Datasheet HTML 13Page - Linear Technology LTC3853_15 Datasheet HTML 14Page - Linear Technology LTC3853_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3853
11
3853fc
For more information www.linear.com/LTC3853
OPERATION
Main Control Loop
The LTC3853 is a constant-frequency, current mode
step-down controller with three channels operating 120
degrees out-of-phase. During normal operation, each
top MOSFET is turned on when the clock for that channel
sets the RS latch, and turned off when the main current
comparator, ICMP, resets the RS latch. The peak inductor
current at which ICMP resets the RS latch is controlled by
the voltage on the ITH pin, which is the output of each error
amplifier, EA. The VFB pin receives the voltage feedback
signal, which is compared to the internal reference voltage
by the EA. When the load current increases, it causes a
slight decrease in VFB relative to the 0.8V reference, which
in turn causes the ITH voltage to increase until the average
inductor current matches the new load current. After the
top MOSFET has turned off, the bottom MOSFET is turned
on until either the inductor current starts to reverse, as
indicated by the reverse current comparator IREV, or the
beginning of the next cycle.
INTVCC/EXTVCC/DRVCC12 Power
Power for the top and bottom MOSFET drivers of phase 3
and most other internal circuitry is derived from the
INTVCC pin. DRVCC12 provides driver power for phase 1
and phase 2. This pin must be externally tied to INTVCC.
If EXTVCC is taken above 4.7V, the 5V regulator is turned
off and an internal switch is turned on connecting EXTVCC.
Using the EXTVCC pin allows the INTVCC power to be de-
rived from a high efficiency external source such as one
of the LTC3853 switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor, CB,whichnormallyrechargesduringeach
off cycle through an external diode when the top MOSFET
turns off. If the input voltage, VIN, decreases to a voltage
close to VOUT, the loop may enter dropout and attempt to
turn on the top MOSFET continuously. The dropout detec-
tor detects this and forces the top MOSFET off for about
one-twelfth of the clock period every fifth cycle to allow
CB to recharge. However, it is recommended that there is
always a load be present during the dropout transition to
ensure CB is recharged.
Shutdown and Start-Up (RUN1, RUN2, RUN3 and TK/
SS1, TK/SS2, TK/SS3 Pins)
The three channels of the LTC3853 can be independently
shut down using the RUN1, RUN2 and RUN3 pins. Pulling
any of these pins below 1.2V shuts down the main control
loop for that controller. Pulling all pins low disables all
three controllers and most internal circuits, including the
INTVCCregulator.ReleasinganyRUNpinallowsaninternal
0.5µA current to pull up the pin and enable that controller.
Alternatively, the RUN pin may be externally pulled up
or driven directly by logic. Be careful not to exceed the
absolute maximum rating of 6V on this pin.
The start-up of each controller’s output voltage VOUT is
controlled by the voltage on the TK/SS1, TK/SS2 and
TK/SS3 pins. When the voltage on the TK/SS pin is less
than the 0.8V internal reference, the LTC3853 regulates
the VFB voltage to the TK/SS pin voltage instead of the
0.8V reference. This allows the TK/SS pin to be used to
program a soft-start by connecting an external capacitor
from the TK/SS pin to SGND. An internal 1.3µA pull-up
current charges this capacitor, creating a voltage ramp on
the TK/SS pin. As the TK/SS voltage rises linearly from
0V to 0.8V (and beyond), the output voltage VOUT rises
smoothly from zero to its final value. Alternatively the TK/
SS pin can be used to cause the start-up of VOUT to “track”
that of another supply. Typically, this requires connect-
ing to the TK/SS pin an external resistor divider from the
other supply to ground (see the Applications Information
section). When the corresponding RUN pin is pulled low
to disable a controller, or when INTVCC drops below its
undervoltage lockout threshold of 3.35V, the TK/SS pin
is pulled low by an internal MOSFET. When in undervolt-
age lockout, all controllers are disabled and the external
MOSFETs are held off.
Light Load Current Operation (Burst Mode Operation,
Pulse Skipping or Continuous Conduction)
The LTC3853 can be enabled to enter high efficiency Burst
Modeoperation,constant-frequencypulseskippingmode,
or forced continuous conduction mode. To select forced
continuous operation, tie the MODE/PLLIN pin to a DC
voltage below 0.8V (e.g., SGND). To select pulse skipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com