Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 14Page - Linear Technology LTC3853_15 Datasheet HTML 15Page - Linear Technology LTC3853_15 Datasheet HTML 16Page - Linear Technology LTC3853_15 Datasheet HTML 17Page - Linear Technology LTC3853_15 Datasheet HTML 18Page - Linear Technology LTC3853_15 Datasheet HTML 19Page - Linear Technology LTC3853_15 Datasheet HTML 20Page - Linear Technology LTC3853_15 Datasheet HTML 21Page - Linear Technology LTC3853_15 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC3853
18
3853fc
For more information www.linear.com/LTC3853
APPLICATIONS INFORMATION
TheoptionalSchottkydiodesconductduringthedeadtime
betweentheconductionofthetwopowerMOSFETs.These
preventthebodydiodesofthebottomMOSFETsfromturn-
ing on, storing charge during the dead time and requiring
a reverse recovery period that could cost as much as 3%
in efficiency at high VIN. A 1A to 3A Schottky is generally
a good compromise for both regions of operation due to
the relatively small average current. Larger diodes result
in additional transition losses due to their larger junction
capacitance.
Soft-Start and Tracking
The LTC3853 has the ability to either soft-start by itself
with a capacitor or track the output of another channel or
externalsupply.Whenoneparticularchannelisconfigured
to soft-start by itself, a capacitor should be connected to
its TK/SS pin. This channel is in the shutdown state if its
RUN pin voltage is below 1.2V. Its TK/SS pin is actively
pulled to ground in this shutdown state.
Once the RUN pin voltage is above 1.2V, the channel pow-
ers up. A soft-start current of 1.3µA then starts to charge
its soft-start capacitor. Note that soft-start or tracking is
achieved not by limiting the maximum output current of
the controller but by controlling the output ramp voltage
according to the ramp rate on the TK/SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start or tracking. The soft-start or tracking range is
defined to be the voltage range from 0V to 0.8V on the
TK/SS pin. The total soft-start time can be calculated as:
tSOFTSTART = 0.8 •
CSS
1.3µA
Regardless of the mode selected by the MODE/PLLIN pin,
the regulator will always start in pulse skipping mode up
to TK/SS = 0.64V. Between TK/SS = 0.64V and 0.74V, it
will operate in forced continuous mode and revert to the
selected mode once TK/SS > 0.74V. The output ripple is
minimized during the 100mV forced continuous mode
window ensuring a clean PGOOD signal.
When the channel is configured to track another supply,
the feedback voltage of the other supply is duplicated by
a resistor divider and applied to the TK/SS pin. Therefore,
the voltage ramp rate on this pin is determined by the
ramp rate of the other supply’s voltage. Note that the
small soft-start capacitor charging current is always
flowing, producing a small offset error. To minimize this
error, select the tracking resistive divider value to be small
enough to make this error negligible.
In order to track down another channel or supply after
the soft-start phase expires, the LTC3853 is forced into
continuous mode of operation as soon as VFB is below the
undervoltage threshold of 0.74V regardless of the setting
of the MODE/PLLIN pin. However, the LTC3853 should
always be set in force continuous mode tracking down
when there is no load. After TK/SS drops below 0.1V, its
channel will operate in discontinuous mode.
Output Voltage Tracking
The LTC3853 allows the user to program how its out-
put ramps up and down by means of the TK/SS pins.
Through these pins, the output can be set up to ei-
ther coincidentally or ratiometrically track another
supply’s output, as shown in Figure 5. In the following
discussions, VOUT1 refers to the LTC3853’s output 1 as a
masterchannelandVOUT2referstotheLTC3853’soutput 2
as a slave channel. In practice though, any phase can be
used as the master. To implement the coincident track-
ing in Figure 5a, connect an additional resistive divider to
VOUT1 and connect its midpoint to the TK/SS pin of the
slave channel. The ratio of this divider should be the same
as that of the slave channel’s feedback divider shown in
Figure 6a. In this tracking mode, VOUT1 must be set higher
thanVOUT2.Toimplementtheratiometrictracking,theratio
of the slave’s divider should be exactly the same as the
master channel’s feedback divider. By selecting different
resistors, the LTC3853 can achieve different modes of
tracking including the two in Figure 5.
So which mode should be programmed? While either
modeinFigure6satisfiesmostpracticalapplications,there
are some trade-offs. The ratiometric mode saves a pair
of resistors, but the coincident mode offers better output
regulation. This can be better understood with the help
of Figure 7. At the input stage of the slave channel’s error
amplifier, two common anode diodes are used to clamp
the equivalent reference voltage and an additional diode
is used to match the shifted common mode voltage. The
top two current sources are of the same amplitude. In the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com