Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3853 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3853
Description  Triple Output, Multiphase Synchronous Step-Down Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3853_15 Datasheet HTML 16Page - Linear Technology LTC3853_15 Datasheet HTML 17Page - Linear Technology LTC3853_15 Datasheet HTML 18Page - Linear Technology LTC3853_15 Datasheet HTML 19Page - Linear Technology LTC3853_15 Datasheet HTML 20Page - Linear Technology LTC3853_15 Datasheet HTML 21Page - Linear Technology LTC3853_15 Datasheet HTML 22Page - Linear Technology LTC3853_15 Datasheet HTML 23Page - Linear Technology LTC3853_15 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC3853
20
3853fc
For more information www.linear.com/LTC3853
is needed to supply the high transient currents required
by the MOSFET gate drivers and to prevent interaction
between the channels.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC3853 to be
exceeded. The INTVCC current, which is dominated by the
gatechargecurrent,maybesuppliedbyeitherthe5Vlinear
regulator or EXTVCC. When the voltage on the EXTVCC pin
is less than 4.7V, the linear regulator is enabled. Power
dissipation for the IC in this case is highest and is equal
to VIN • IINTVCC. The gate charge current is dependent
on operating frequency as discussed in the Efficiency
Considerations section. The junction temperature can
be estimated by using the equations given in Note 3 of
the Electrical Characteristics. For example, the LTC3853
INTVCC current is limited to less than 50mA from a 24V
supplyintheUJpackageandnotusingtheEXTVCCsupply:
TJ = 85°C + (50mA)(24V)(33°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked while
operatingincontinuousconductionmode(MODE/PLLIN=
SGND) at maximum VIN. When the voltage applied to EXT-
VCC rises above 4.7V, the INTVCC linear regulator is turned
offandtheEXTVCCisconnectedtotheINTVCC.TheEXTVCC
remainsonaslongasthevoltageappliedtoEXTVCCremains
above 4.5V. Using the EXTVCC allows the MOSFET driver
andcontrolpowertobederivedfromoneoftheLTC3853’s
switching regulator outputs during normal operation and
from the INTVCC when the output is out of regulation
(e.g., start-up, short-circuit). If more current is required
through the EXTVCCthanisspecified,anexternalSchottky
diode can be added between the EXTVCC and INTVCC pins.
Do not apply more than 6V to the EXTVCC pin and make
sure that EXTVCC < VIN.
Significant efficiency and thermal gains can be realized
by powering INTVCC from the output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of (Duty Cycle)/(Switcher Efficiency).
Tying the EXTVCC pin to a 5V supply reduces the junction
temperature in the previous example from 125°C to:
TJ = 85°C + (50mA)(5V)(33°C/W) = 94°C
However,for3.3Vandotherlowvoltageoutputs,additional
circuitryisrequiredtoderiveINTVCCpowerfromtheoutput.
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC left open (or grounded). This will cause
INTVCC to be powered from the internal 5V regulator
resulting in an efficiency penalty of up to 10% at high
input voltages.
2. EXTVCC connected directly to VOUT. This is the
normal connection for a 5V regulator and provides
the highest efficiency.
3. EXTVCC connected to an external supply. If a 5V
external supply is available, it may be used to power
EXTVCC providing it is compatible with the MOSFET
gate drive requirements.
4. EXTVCC connected to an output-derived boost net-
work. For 3.3V and other low voltage regulators,
efficiency gains can still be realized by connecting
EXTVCC to an output-derived voltage that has been
boosted to greater than 4.7V.
For applications where the main input power is 5V, tie
the VIN and INTVCC pins together and tie the combined
pins to the 5V input with a 1Ω or 2.2Ω resistor as shown
in Figure 8 to minimize the voltage drop caused by the
gate charge current. This will override the INTVCC linear
regulator and will prevent INTVCC from dropping too low
due to the dropout voltage. Make sure the INTVCC voltage
is at or exceeds the RDS(ON) test voltage for the MOSFET
which is typically 4.5V for logic-level devices.
APPLICATIONS INFORMATION
INTVCC
LTC3853
RVIN
1Ω
CIN
3853 F08
5V
CINTVCC
4.7µF
+
VIN
Figure 8. Setup for a 5V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com