Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 23 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 23 Page - NEC

Back Button UPD78P324LP Datasheet HTML 19Page - NEC UPD78P324LP Datasheet HTML 20Page - NEC UPD78P324LP Datasheet HTML 21Page - NEC UPD78P324LP Datasheet HTML 22Page - NEC UPD78P324LP Datasheet HTML 23Page - NEC UPD78P324LP Datasheet HTML 24Page - NEC UPD78P324LP Datasheet HTML 25Page - NEC UPD78P324LP Datasheet HTML 26Page - NEC UPD78P324LP Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
µPD78P324, 78P324(A)
23
7.
ELECTRICAL SPECIFICATIONS
(1)
µPD78P324 Electrical Specifications (1/9)
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Supply voltage
Input voltage
Output voltage
Low-level output current
High-level output current
Analog input voltage
A/D converter reference input voltage
Operating ambient temperature
Storage temperature
Unit
V
V
V
V
V
V
mA
mA
mA
mA
V
V
°C
°C
Rating
–0.5 to +7.0
–0.5 to VDD +0.5
–0.5 to +13.5
–0.5 to +0.5
–0.5 to VDD +0.5
–0.5 to VDD +0.5
4.0
90
–1.0
–20
–0.5 to VDD +0.5
–0.5 to AVDD +0.5
–0.5 to VDD +0.5
–0.5 to AVDD +0.5
–10 to +70
–65 to +150
Symbol
VDD
AVDD
VPP
AVSS
VI
VO
IOL
IOH
VIAN
AVREF
TA
Tstg
Condition
Note 1
All output pins
Total of all output pins
All output pins
Total of all output pins
AVDD > VDD
Note 2
VDD
≥ AVDD
AVDD > VDD
VDD
≥ AVDD
Notes 1. Except P70/AN0-P77/AN7.
2. P70/AN0-P77/AN7 pins.
Caution
If the absolute maximum rating of any one of the parameters is exceeded even momentarily, the
quality of the product may be degraded. In other words, the product may be physically damaged
if any of the absolute maximum ratings is exceeded. Be sure to use the product without exceeding
these ratings.
Recommended Operating Range
Oscillation Frequency
TA
VDD
8MHz
≤ fXX ≤ 16MHz
–10 to +70
°C
+5.0 V
±10 %
Capacitance (TA = 25
°C, VSS = VDD = 0 V)
Parameter
Input capacitance
Output capacitance
I/O capacitance
Symbol
CI
CO
CIO
Condition
f = 1 MHz;
0 V except measured pins
MIN.
TUP.
MAX.
Unit
10
pF
20
pF
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com