Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 33 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 33 Page - NEC

Back Button UPD78P324LP Datasheet HTML 29Page - NEC UPD78P324LP Datasheet HTML 30Page - NEC UPD78P324LP Datasheet HTML 31Page - NEC UPD78P324LP Datasheet HTML 32Page - NEC UPD78P324LP Datasheet HTML 33Page - NEC UPD78P324LP Datasheet HTML 34Page - NEC UPD78P324LP Datasheet HTML 35Page - NEC UPD78P324LP Datasheet HTML 36Page - NEC UPD78P324LP Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
µPD78P324, 78P324(A)
33
(2)
µPD78P324(A) Electrical Specifications (2/9)
Permissible Pin Injection Current Characteristics in Overvoltage Application (TA = –40 to +85
°C, VDD = +5 V
±10%, VSS = 0 V)
Parameter
Positive
injection
current
(VIN > VDD)
Negative
injection
current
(VIN < VSS)
Symbol
IIJH1
IIJH2
IIJH
IIJL1
IIJL2
IIJL
MIN.
TYP.
MAX.
Unit
10
mA
0.5
mA
3mA
1mA
100
mA
5mA
–4
mA
–0.4
mA
–4
mA
–0.3
mA
–40
mA
–3
mA
Condition
Peak value
Mean value
1 pin
Peak value
Mean value
Peak value
Total of all input pins
Mean value
Peak value
Mean value
1 pin
Peak value
Mean value
Peak value
Total of all input pins
Mean value
Input ports other
than ANn (n = 0-7)
ANn (n = 0-7)
Input ports other
than ANn (n = 0-7)
ANn (n = 0-7)
Cautions
1. When the injection current has run into the analog input pin (ANn: n = 0-7), the A/D conversion
result of the analog input contiguous to the current injection pin has the value of the standard
in which the injection current is not running plus
±2LSB.
2. The mean value (absolute value) of the pin injected current is as follows:
Mean value = ((1/T)
| i(t) | 3/2dt)2/3
In this, i(t) refers to the pin injected current. The maximum value of |i(t)| is the peak value.
Recommended Operating Range
Oscillation Frequency
TA
VDD
8MHz
≤ fXX ≤ 16MHz
–40 to +85
°C
+5.0 V
±10 %
Capacitance (TA = 25
°C, VSS = VDD = 0 V)
Parameter
Input capacitance
Output capacitance
I/O capacitance
Symbol
CI
CO
CIO
Condition
f = 1 MHz;
0 V except measured pins
MIN.
TUP.
MAX.
Unit
10
pF
20
pF
20
pF
T
∫
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com