Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 19 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 19 Page - NEC

Back Button UPD78P324LP Datasheet HTML 15Page - NEC UPD78P324LP Datasheet HTML 16Page - NEC UPD78P324LP Datasheet HTML 17Page - NEC UPD78P324LP Datasheet HTML 18Page - NEC UPD78P324LP Datasheet HTML 19Page - NEC UPD78P324LP Datasheet HTML 20Page - NEC UPD78P324LP Datasheet HTML 21Page - NEC UPD78P324LP Datasheet HTML 22Page - NEC UPD78P324LP Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
µPD78P324, 78P324(A)
19
3.2
PROCEDURE FOR PROM WRITE
The procedure for writing into the PROM is as follows (see Figure 3-3).
(1) Fix to RESET = H; and AVDD = L. Other unused pins are processed as directed by the PIN CONFIGURATION.
(2) Supply +6.5 V to the VDD pin; and +12.5 V to the VPP pin. Enter the low level into the CE pin.
(3) Enter the initial address into A0-A16.
(4) Enter the Write data into D0-D7.
(5) Enter the 0.1 ms program pulse (active low) into the PGM pin.
(6) Verify mode. Check if the Write data has been written or not.
Enter the active low pulse into the OE pin and read the Write data from D0-D7.
• When written: Move to (8).
• When not able to write: Repeat (4) to (6). If it is not possible to write even when the repetition has been
made ten times, move to (7).
(7) Stop the Write operation as a defective device.
(8) Increment the address.
(9) Repeat (4) to (8) until the final address.
The timing of the above (2) to (7) steps is shown in Figure 3-2.
Figure 3-2. PROM Write/Verify Timing
Hi-Z
Hi-Z
Hi-Z
Program
Program verify
Address input
Data input
Data output
A0-A16
D0-D7
VPP
VDD
CE (input)
PGM (input)
OE (input)
+ 12.5V
VDD
+ 6.5V
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com