Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 67 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 67 Page - NEC

Back Button UPD78P324LP Datasheet HTML 63Page - NEC UPD78P324LP Datasheet HTML 64Page - NEC UPD78P324LP Datasheet HTML 65Page - NEC UPD78P324LP Datasheet HTML 66Page - NEC UPD78P324LP Datasheet HTML 67Page - NEC UPD78P324LP Datasheet HTML 68Page - NEC UPD78P324LP Datasheet HTML 69Page - NEC UPD78P324LP Datasheet HTML 70Page - NEC UPD78P324LP Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
µPD78P324, 78P324(A)
67
74 PIN CERAMIC WQFN
X74KW-100A-1
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.10
mm (0.004 inch) of its true position (T.P.) at
maximum material condition.
A
B
C
D
E
F
G
H
I
J
K
Q
R
S
T
U
W
Y
20.0±0.4
18.0
18.0
20.0±0.4
1.94
2.14
4.0 MAX.
0.51±0.10
0.10
1.0 (T.P.)
1.0±0.2
C 0.3
2.0
2.0
R 2.0
10.0
0.7±0.2
C 1.5
0.787
0.709
0.709
0.787
0.076
0.084
0.158 MAX.
0.020±0.004
0.004
0.039 (T.P.)
0.039
C 0.012
0.079
0.079
R 0.079
0.394
0.028
C 0.059
+0.017
–0.016
+0.017
–0.016
+0.009
–0.008
+0.008
–0.009
A
B
T
Y
U
I
M
K
Q
74
H
J
1
R
Remark
The package and material of the
ES product are equivalent to
those for mass production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com