Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 24 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 24 Page - NEC

Back Button UPD78P324LP Datasheet HTML 20Page - NEC UPD78P324LP Datasheet HTML 21Page - NEC UPD78P324LP Datasheet HTML 22Page - NEC UPD78P324LP Datasheet HTML 23Page - NEC UPD78P324LP Datasheet HTML 24Page - NEC UPD78P324LP Datasheet HTML 25Page - NEC UPD78P324LP Datasheet HTML 26Page - NEC UPD78P324LP Datasheet HTML 27Page - NEC UPD78P324LP Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
µPD78P324, 78P324(A)
24
(1)
µPD78P324 Electrical Specifications (2/9)
Oscillator Characteristics (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = 0 V)
Oscillator
Ceramic oscillator or
crystal oscillator
External clock
Recommended Circuit
Parameter
Oscillation frequency (fXX)
X1 input frequency (fX)
X1 input rise time, fall time
(tXR, tXF)
X1 input high-/low-level
width (tWXH, tWXL)
MIN.
MAX.
Unit
8
16
MHz
8
16
MHz
020
ns
25
80
ns
Caution
When using the system clock oscillation circuit, wire the part encircled in the dotted line in the
following manner to avoid the influence of the wiring capacity, etc.
• Make the wiring as short as possible.
• Avoid intersecting other signal conductors. Avoid approaching lines in which very high fluctuating
currents run.
• Make sure that the grounding point of the oscillation circuit capacitor always has the same
electrical potential as VSS. Avoid grounding with a grand pattern in which very high currents run.
• Do not fetch signals from the oscillation circuit.
X2
X1
VSS
C2
C1
X2
X1
X2
X1
HCMOS
inverter
HCMOS
inverter
or
No connection
required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com