Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 37 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 37 Page - NEC

Back Button UPD78P324LP Datasheet HTML 33Page - NEC UPD78P324LP Datasheet HTML 34Page - NEC UPD78P324LP Datasheet HTML 35Page - NEC UPD78P324LP Datasheet HTML 36Page - NEC UPD78P324LP Datasheet HTML 37Page - NEC UPD78P324LP Datasheet HTML 38Page - NEC UPD78P324LP Datasheet HTML 39Page - NEC UPD78P324LP Datasheet HTML 40Page - NEC UPD78P324LP Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
µPD78P324, 78P324(A)
37
(2)
µPD78P324(A) Electrical Specifications (6/9)
tCYK-dependent Bus Timing Definition
Symbol
Calculation formula
MIN./MAX.
Unit
tSAST
0.5T–30
MIN.
ns
tHSTA
0.5T–30
MIN.
ns
tDAR
T–40
MIN.
ns
tDAID
(2.5+n) T–90
MAX.
ns
tDRID
(1.5+n) T–75
MAX.
ns
tDSTR
0.5T–20
MIN.
ns
tDRA
0.5T–12
MIN.
ns
tWRL
(1.5+n) T–40
MIN.
ns
tWSTH
0.5T–25
MIN.
ns
tDAW
T–40
MIN.
ns
tDSTOD
0.5T+40
MAX.
ns
tDSTW
0.5T–20
MIN.
ns
tSODW
1.5T–40
MIN.
ns
tHWOD
0.5T–30
MIN.
ns
tDWST
0.5T–20
MIN.
ns
tWWL
(1.5+n) T–40
MIN.
ns
Remarks
1. T = tCYK = 1/fCLK (fCLK refers to the internal system clock frequency)
2. n refers to the count of weight cycles defined by the user software.
3. Among the parameters for bus timing, only those listed in this table are dependent on tCYK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com