Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 62 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 62 Page - NEC

Back Button UPD78P324LP Datasheet HTML 58Page - NEC UPD78P324LP Datasheet HTML 59Page - NEC UPD78P324LP Datasheet HTML 60Page - NEC UPD78P324LP Datasheet HTML 61Page - NEC UPD78P324LP Datasheet HTML 62Page - NEC UPD78P324LP Datasheet HTML 63Page - NEC UPD78P324LP Datasheet HTML 64Page - NEC UPD78P324LP Datasheet HTML 65Page - NEC UPD78P324LP Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
µPD78P324, 78P324(A)
62
Parameter
High-level input voltage
Low-level input voltage
Input leakage current
High-level output voltage
Low-level output voltage
Input current
Output leakage current
VDDP supply voltage
VPP supply voltage
VDDP supply current
VPP supply current
SymbolNote 1
VIH
VIL
ILI
VOH
VOL
—
—
VCC
VPP
IDD
IPP
Condition
0
≤ VI ≤ VDDPNote 2
IOH = –400
µA
IOL = 2.0
µA
A9(P20/NMI) pin, 0
≤ VO ≤ VDDP
0
≤VO ≤ VDDP, OE = VIH
Program memory Write mode
Program memory Read mode
Program memory Write mode
Program memory Read mode
Program memory Write mode
Program memory Read mode
Program memory Write mode
CE = PGM
Program memory Read mode
VPP = VDD
DC Programming Characteristics (TA = 25
±5 °C, VSS = 0 V)
MIN.
TYP.
MAX.
Unit
2.4
VDDP+0.3
V
–0.3
0.8
V
±10
µA
2.4
V
0.45
V
±10
µA
±10
µA
6.25
65
6.75
V
4.5
5.0
5.5
V
12.2
12.5
12.8
V
VPP = VDDP
V
30
mA
50
mA
50
mA
1
100
µA
Notes 1. Refers to the symbol of the corresponding
µPD27C1001A.
2. VDDP refers to the VDD pin in programming.
Symbol
VIH
VIL
ILI
VOH
VOL
IA9
ILO
VDDP
VPP
IDD
IPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com