Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 30 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 30 Page - NEC

Back Button UPD78P324LP Datasheet HTML 26Page - NEC UPD78P324LP Datasheet HTML 27Page - NEC UPD78P324LP Datasheet HTML 28Page - NEC UPD78P324LP Datasheet HTML 29Page - NEC UPD78P324LP Datasheet HTML 30Page - NEC UPD78P324LP Datasheet HTML 31Page - NEC UPD78P324LP Datasheet HTML 32Page - NEC UPD78P324LP Datasheet HTML 33Page - NEC UPD78P324LP Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
µPD78P324, 78P324(A)
30
(1)
µPD78P324 Electrical Specifications (8/9)
Other Operations (TA = –10 to +70
°C, VDD = +5 V ±10 %, VDD = 0 V)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
NMI high-/low-level width
tWNIH, tWNIL
Analog noises removed
4
µs
INTP0 high-/low-level width
tWIOH, tWIOL
1
µs
INTP1 high-/low-level width
tWI1H, tWI1L
1
µs
INTP2 high-/low-level width
tWI2H, tWI2L
1
µs
INTP3 high-/low-level width
tWI3H, tWI3L
1
µs
INTP4 high-/low-level width
tWI4H, tWI4L
1
µs
INTP5 high-/low-level width
tWI5H, tWI5L
1
µs
INTP6 high-/low-level width
tWI6H, tWI6L
1
µs
RESET high-/low-level width
tWRSH, tWRSL
Analog noises removed
3.5
µs
TI high-/low-level width
tWTIH, tWTIL
1
µs
VDD rise/fall time
tRVD, tFVD
200
µs
Other tCYK-dependent Operations
Symbol
Calculation formula
MIN./MAX.
Unit
tWIOH
8T
MIN.
ns
tWIOL
8T
MIN.
ns
tWI1H
8T
MIN.
ns
tWI1L
8T
MIN.
ns
tWI2H
8T
MIN.
ns
tWI2L
8T
MIN.
ns
tWI3H
8T
MIN.
ns
tWI3L
8T
MIN.
ns
tWI4H
8T
MIN.
ns
tWI4L
8T
MIN.
ns
tWI5H
8T
MIN.
ns
tWI5L
8T
MIN.
ns
tWI6H
8T
MIN.
ns
tWI6L
8T
MIN.
ns
tWTIH
8T
MIN.
ns
tWTIL
8T
MIN.
ns
Remarks
1. T = tCYK = 1/fCLK (fCLK refers to the internal system clock frequency)
2. Only the parameters listed in this table depend on tCYK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com