Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 68 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 68 Page - NEC

Back Button UPD78P324LP Datasheet HTML 64Page - NEC UPD78P324LP Datasheet HTML 65Page - NEC UPD78P324LP Datasheet HTML 66Page - NEC UPD78P324LP Datasheet HTML 67Page - NEC UPD78P324LP Datasheet HTML 68Page - NEC UPD78P324LP Datasheet HTML 69Page - NEC UPD78P324LP Datasheet HTML 70Page - NEC UPD78P324LP Datasheet HTML 71Page - NEC UPD78P324LP Datasheet HTML 72Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
µPD78P324, 78P324(A)
68
68 PIN CERAMIC WQFN
X68KW-50A-1
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.12
mm (0.005 inch) of its true position (T.P.) at
maximum material condition.
A
B
C
D
E
F
G
H
I
J
K
L
P
Q
R
S
T
U
Y
24.13±0.4
21.5
21.5
24.13±0.4
1.65
2.03
3.50 MAX.
0.64±0.10
0.12
1.27 (T.P.)
1.27±0.2
2.16±0.2
R 0.2
C 1.02
1.905
1.905
R 3.0
12.0
C 0.5
0.950±0.016
0.846
0.846
0.950±0.016
0.065
0.080
0.138 MAX.
0.025
0.005
0.05 (T.P.)
0.05±0.008
0.085±0.008
R 0.008
C 0.04
0.075
0.075
R 0.118
0.472
C 0.020
A
Y
T
B
68
J
I M
H
R
K
L
Q
P
1
+0.005
–0.004
Remark
The package and material of the
ES product are equivalent to those
for mass production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com