Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 31 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 31 Page - NEC

Back Button UPD78P324LP Datasheet HTML 27Page - NEC UPD78P324LP Datasheet HTML 28Page - NEC UPD78P324LP Datasheet HTML 29Page - NEC UPD78P324LP Datasheet HTML 30Page - NEC UPD78P324LP Datasheet HTML 31Page - NEC UPD78P324LP Datasheet HTML 32Page - NEC UPD78P324LP Datasheet HTML 33Page - NEC UPD78P324LP Datasheet HTML 34Page - NEC UPD78P324LP Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
µPD78P324, 78P324(A)
31
(1)
µPD78P324 Electrical Specifications (9/9)
AC Timing Test Point
A/D Converter Characteristics (TA = –10 to +70
°C, VDD = +5 V ±10 %, VSS = AVSS = 0 V, VDD –0.5 V ≤ AVDD ≤ VDD)
Parameter
Resolution
Total errorNote1
Quantization error
Conversion time
Sampling time
Zero-scale errorNote1
Full-scale errorNote 1
Non-linear errorNote 1
Analog input voltageNote 2
Analog input impedance
Reference voltage
AVREF current
AVDD supply current
A/D converter data retention current
MIN.
TYP.
MAX.
Unit
10
bit
±0.4
%FSR
±0.7
%FSR
±1/2
LSB
144
tCYK
24
tCYK
±1.5
±2.5
LSB
±1.5
±4.5
LSB
±1.5
±2.5
LSB
±1.5
±4.5
LSB
±1.5
±2.5
LSB
±1.5
±4.5
LSB
0AVDD
V
10
M
Ω
Note 3
3.4
AVDD
V
1.0
3.0
mA
2.0
6.0
mA
215
µA
10
50
µA
Symbol
tCONV
tSAMP
VIAN
RAN
AVREF
AIREF
AIDD
AIDDDR
Condition
4.5 V
≤ AVREF ≤ AVDD
3.5 V
≤ AVREF ≤ AVDD
4.5 V
≤ AVREF ≤ AVDD
3.4 V
≤ AVREF ≤ AVDD
4.5 V
≤ AVREF ≤ AVDD
3.4 V
≤ AVREF ≤ AVDD
4.5 V
≤ AVREF ≤ AVDD
3.4 V
≤ AVREF ≤ AVDD
When not sampled
When sampled
Operation mode
AVDDDR = 2.5 V
STOP mode
AVDDDR=5 V
±10%
Notes 1. Quantization error excluded.
2. When –0.3 V
≤ VIAN ≤ 0 V, the conversion result becomes 000H.
When 0 V < VIAN < AVREF, the conversion is performed at a resolution of 10 bits.
When AVREF
≤ VIAN ≤ AVDD, the conversion result is 3FFH.
3. The analog input impedance in sampling is the same as the equivalent circuit shown in the diagram
below. (The values in the diagram are TYP. values; therefore, they are not assured.)
0.8VDD or 2.2V
0.8V
0.8VDD or 2.2V
0.8V
Test point
VDD
0V
20k
Ω
10pF
30pF
Analog input pin
( input
capacitance
included )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com