Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 47 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 47 Page - NEC

Back Button UPD78P324LP Datasheet HTML 43Page - NEC UPD78P324LP Datasheet HTML 44Page - NEC UPD78P324LP Datasheet HTML 45Page - NEC UPD78P324LP Datasheet HTML 46Page - NEC UPD78P324LP Datasheet HTML 47Page - NEC UPD78P324LP Datasheet HTML 48Page - NEC UPD78P324LP Datasheet HTML 49Page - NEC UPD78P324LP Datasheet HTML 50Page - NEC UPD78P324LP Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
µPD78P324, 78P324(A)
47
(3)
µPD78P324(A1) Electrical Specifications (7/9)
Serial Operation (TA = –40 to +110
°C, VDD = +5 V ±10 %, VSS = 0 V)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
SCK output
Internal divide-by-eight
1280
µs
Serial clock cycle time
tCYSK
SCK input
External clock
1280
µs
SCK output
Internal divide-by-eight
560
ns
Serial clock low-level width
tWSKL
SCK input
External clock
560
ns
SCK output
Internal divide-by-eight
560
ns
Serial clock high-level width
tWSKH
SCK input
External clock
560
ns
SI setup time (vs. SCK
↑)tSRXSK
80
ns
SI hold time (vs. SCK
↑)tHSKRX
80
ns
SCK
↓ → SO delay time
tDSKTX
R = 1 k
Ω , C = 100pF
210
ns
tCYK-dependent Serial Operation
Symbol
Condition
Calculation Formula
MIN./MAX.
Unit
SCK output
Internal divide-by-eight
8T
MIN.
ns
tCYSK
SCK input
External clock
8T
MIN.
ns
SCK output
Internal divide-by-eight
4T–80
MIN.
ns
tWSKL
SCK input
External clock
4T–80
MIN.
ns
SCK output
Internal divide-by-eight
4T–80
MIN.
ns
tWSKH
SCK input
External clock
4T–80
MIN.
ns
Remarks
1. T = tCYK = 1/fCLK (fCLK refers to the internal system clock frequency)
2. Among the parameters for serial operation, only those listed in this table are dependent on tCYK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com