Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 53 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 53 Page - NEC

Back Button UPD78P324LP Datasheet HTML 49Page - NEC UPD78P324LP Datasheet HTML 50Page - NEC UPD78P324LP Datasheet HTML 51Page - NEC UPD78P324LP Datasheet HTML 52Page - NEC UPD78P324LP Datasheet HTML 53Page - NEC UPD78P324LP Datasheet HTML 54Page - NEC UPD78P324LP Datasheet HTML 55Page - NEC UPD78P324LP Datasheet HTML 56Page - NEC UPD78P324LP Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
µPD78P324, 78P324(A)
53
(4)
µPD78P324(A2) Electrical Specifications (4/9)
DC Characteristics (TA = –40 to +125
°C, VDD = +5 V ±10 %, VSS = 0 V)
Parameter
Low-level input voltage
High-level input voltage
Low-level output voltage
High-level output voltage
Input leakage current
Analog pin input leakage current
Output leakage current
VDD supply current
Data retention voltage
Data retention current
MIN.
TYP.
MAX.
Unit
0
0.8
V
2.2
V
0.8 VDD
0.45
V
VDD–1.0
V
±10
µA
±2
µA
±10
µA
65
87
mA
25
48
mA
2.5
V
2
100
µA
10
1000
µA
Symbol
VIL
VIH1
VIH2
VOL
VOH
ILI
ILIAN
ILO
IDD1
IDD2
VDDDR
IDDDR
Condition
Note 1
Note 2
IOL = 2.0mA
IOH = –400
µA
Note 3
0 V
≤ VI ≤ VDD
Note 4
0 V
≤ VIAN ≤ AVREF
0 V
≤ VO ≤ VDD
Operation mode
HALT mode
STOP mode
VDDDR = 2.5 V
STOP mode
VDDDR=5.0 V
±10%
Notes 1. Pins other than pins in Note 2.
2. RESET, X1, X2, P20/NMI, P21/INTP0, P22/INTP1, P23/INTP2, P24/INTP3, P25/INTP4, P26/INTP5, P27/
INTP6/TI, P32/SO/SB0, P33/SI/SB1, P34/SCK pins.
3. Pins except P20/NMI, EA/VPP, X1, X2
4. When not sampling the analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com