Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 28 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 28 Page - NEC

Back Button UPD78P324LP Datasheet HTML 24Page - NEC UPD78P324LP Datasheet HTML 25Page - NEC UPD78P324LP Datasheet HTML 26Page - NEC UPD78P324LP Datasheet HTML 27Page - NEC UPD78P324LP Datasheet HTML 28Page - NEC UPD78P324LP Datasheet HTML 29Page - NEC UPD78P324LP Datasheet HTML 30Page - NEC UPD78P324LP Datasheet HTML 31Page - NEC UPD78P324LP Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
µPD78P324, 78P324(A)
28
(1)
µPD78P324 Electrical Specifications (6/9)
tCYK-dependent Bus Timing Definition
Symbol
Calculation formula
MIN./MAX.
Unit
tSAST
0.5T–30
MIN.
ns
tHSTA
0.5T–30
MIN.
ns
tDAR
T–40
MIN.
ns
tDAID
(2.5+n) T–90
MAX.
ns
tDRID
(1.5+n) T–75
MAX.
ns
tDSTR
0.5T–20
MIN.
ns
tDRA
0.5T–12
MIN.
ns
tWRL
(1.5+n) T–40
MIN.
ns
tWSTH
0.5T–25
MIN.
ns
tDAW
T–40
MIN.
ns
tDSTOD
0.5T+40
MAX.
ns
tDSTW
0.5T–20
MIN.
ns
tSODW
1.5T–40
MIN.
ns
tHWOD
0.5T–30
MIN.
ns
tDWST
0.5T–20
MIN.
ns
tWWL
(1.5+n) T–40
MIN.
ns
Remarks
1. T = tCYK = 1/fCLK (fCLK refers to the internal system clock frequency)
2. n refers to the count of weight cycles defined by the user software.
3. Among the parameters for bus timing, only those listed in this table are dependent on tCYK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com