Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 14 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 14 Page - NEC

Back Button UPD78P324LP Datasheet HTML 10Page - NEC UPD78P324LP Datasheet HTML 11Page - NEC UPD78P324LP Datasheet HTML 12Page - NEC UPD78P324LP Datasheet HTML 13Page - NEC UPD78P324LP Datasheet HTML 14Page - NEC UPD78P324LP Datasheet HTML 15Page - NEC UPD78P324LP Datasheet HTML 16Page - NEC UPD78P324LP Datasheet HTML 17Page - NEC UPD78P324LP Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
µPD78P324, 78P324(A)
14
1.3
PIN I/O CIRCUIT AND UNUSED-PIN PROCESSING
The I/O circuits of the pins are shown in Table 1-1 and Figure 1-1 some of them in a simplified form.
Table 1-1. I/O Circuit Types of Pins and Recommended Connection Methods When Unused
Pin Name
P00/RTP0-P07/RTP7
P20/NMI
P21/INTP0-P26/INTP5
P27/INTP6/TI
P30/TXD
P31/RXD
P32/SO/SB0
P33/SI/SB1
P34/SCK
P40/AD0-P47/AD7
P50/A8-P57/A15
P70/AN0-P77/AN7
P80/TO00-P83/TO03
P84/TO10, P85/TO11
P90/RD
P91/WR
P92/TAS
P93/TMD
WDTO
ASTB
EA
RESET
AVDD
AVREF
AVSS
VPP
NC
I/O Circuit Type
5
2
5
8
5
9
5
5
3
4
1
2
—
—
—
—
Recommended Connection Method When Unused
Input status: Connected to VDD or VSS via a resistor individually.
Output status: No connection required.
Connected to VSS.
Input status: Connected to VDD or VSS via a resistor individually.
Output status: No connection required.
Connected to Vss.
Input status: Connected to VDD or Vss via a resistor individually.
Output status: No connection required.
No connection required.
—
—
Connected to VDD.
Connected to VSS.
Connected to VDD.
Connected to VSS. (It is also possible to leave this unconnected.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com