Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P324LP Datasheet(PDF) 75 Page - NEC

Part # UPD78P324LP
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LP Datasheet(HTML) 75 Page - NEC

Back Button UPD78P324LP Datasheet HTML 71Page - NEC UPD78P324LP Datasheet HTML 72Page - NEC UPD78P324LP Datasheet HTML 73Page - NEC UPD78P324LP Datasheet HTML 74Page - NEC UPD78P324LP Datasheet HTML 75Page - NEC UPD78P324LP Datasheet HTML 76Page - NEC UPD78P324LP Datasheet HTML 77Page - NEC UPD78P324LP Datasheet HTML 78Page - NEC UPD78P324LP Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
µPD78P324, 78P324(A)
75
Debugging Tools
IE-78327-R
IE-78320-RNote
EP-78320GJ-R
EP-78320L-R
IE-78327-R
control program
(IE controller)
IE-78320-R
control programNote
(IE controller)
These are the in-circuit emulators which can be used for the development and
debugging of application systems. Debugging is performed by connecting them to a
host machine. The IE-78327-R can be used commonly for both the
µPD78322
subseries and the
µPD78328 subseries.
The IE-78320-R can be used for the
µPD78322 subseries.
These are the emulation probes for connecting the IE-78327-R or IE-78320-R to a
target system.
EP-78320GJ-R: for 74-pin plastic QFP
EP-78320L-R: for 68-pin plastic QFJ
This program is for controlling the IE-78327-R from a host machine. It can execute
commands automatically, thus enabling more efficient debugging.
Hardware
Software
Host machine
PC-9800 series
IBM PC/AT and its
compatible
machine
Supply medium
3.5-inch 2HD
5-inch 2HD
3.5-inch 2HC
5-inch 2HC
Part number
µS5A13IE78327
µS5A10IE78327
µS7B13IE78327
µS7B10IE78327
OS
MS-DOS
PC DOS
This program is for controlling the IE-78320-R from a host machine. It can execute
commands automatically, thus enabling more efficient debugging.
Host machine
PC-9800 series
IBM PC/AT and its
compatible
machine
Supply medium
3.5-inch 2HD
5-inch 2HD
5-inch 2HC
Part number
µS5A13IE78320
µS5A10IE78320
µS7B10IE78320
OS
MS-DOS
PC DOS
Remarks
1. The operation of each software is assured only on the host machine and the OS above.
2.
µPD78322 subseries: µPD78320, 78322, 78P322, 78323, 78324, 78P324, 78320(A), 78320(A1),
78320(A2), 78322(A), 78322(A1), 78322(A2), 78323(A), 78323(A1), 78323(A2),
78324(A), 78324(A1), 78324(A2), 78P324(A), 78P324(A1), 78P324(A2)
µPD78328 subseries: µPD78327, 78328, 78P328, 78327(A), 78328(A)
Note
The existing product IE-78320-R is a maintenance product. If you are going to newly purchase an in-circuit
emulator, please use the alternative product IE-78327-R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com