Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 33 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 33 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
33
Unit
V
mA
V
V
k
Ω
V
Min.
4.75
—
3.5
—
10
0.6VDD
Parameter
Supply voltage
Supply current
"H" level output voltage
"L" level output voltage
__
Pull-up resistance AC
External clock input width
Ta = –20 to +85°C
VDD = 5.00V
VDD = 4.75V, IOH = -0.4mA
VDD = 4.75V, IOH = -0.05mA
VDD = 4.75V, IOL = 0.4mA
VDD = 4.75V, IOL = 0.05mA
VDD = 4.75V, IOL = 3.0mA
VDD = 5.00V
4.75V
≤ VDD ≤ 5.25V
Unit
V
V
V
V
V
MHz
kHz
Parameter
Supply voltage
"L" level input voltage
Symbol
VDD
VIH
VIL
FOSC
H.sync
Symbol
VDD
VI
VO
Pd
Topr
Tstg
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25 °C
Ratings
–0.3 to +6.0
VSS –0.3
≤ VI ≤ VDD +0.3
VSS
≤ VO ≤ VDD
+300
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Typ.
5.0
VDD
VDD
0
0
—
—
Min.
4.75
0.8VDD
0.7VDD
0
0
20.0
15.0
Max.
5.25
VDD
VDD
0.2VDD
0.3VDD
100.0
130.0
Limits
RECOMMENDED OPERATING CONDITIONS
(VDD = 5.00V, Ta = 25°C, unless otherwise noted)
Symbol
VDD
IDD
VOH
VOL
RI
VTCK
Limits
Max.
5.25
60
—
0.4
100
0.9VDD
P0 to P7 (Note1)
CPOUT
P0 to P7 (Note2)
CPOUT
SDA
Typ.
5.0
40
—
—
30
—
SCL, SDA
"H" level input voltage
__
AC HOR, VERT
SCL, SDA
__
AC HOR, VERT
Oscillating frequency for display
Horizontal synchronous signal input frequeney
Notes 1. The current from the IC must not exceed – 0.4 mA/port at any of the port pins (P0 to P7).
2. The current flowing into the IC must not exceed 0.4 mA/port at any of port pins (P0 to P7).
Test conditions
ELECTRICAL CHARACTERISTICS
(VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)
(VDD = 5.00V, Ta = –20 to +85°C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com