Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M35047 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DESCRIPTION
The M35047-XXXSP/FP is a character pattern display control IC
can display on the CRT display the liquid crystal display and the
plasma display. It uses a silicon gate CMOS process and it
housed in a 20-pin shrink DIP package (M35047-XXXSP) or a 20-
pin shrink SOP package (M35047-XXXFP).
For M35047-002SP/FP that is a standard ROM version of
M35047-XXXSP/FP respectively, the character pattern is also
mentioned.
FEATURES
• Screen composition ................................ 24 characters ! 12 lines
• Number of characters displayed................................... 288 (Max.)
• Character composition .....................................12 ! 18 dot matrix
• Characters available..................... ROM character:255 characters
RAM character:8 characters
• Character sizes available ....................4 (vertical) ! 4 (horizontal)
• Display locations available
Horizontal direction .............................................. 2007 locations
Vertical direction .................................................. 2047 locations
• Blinking .................................................................. Character units
Cycle : division of vertical synchronization signal into 32 or 64
Duty
: 25%, 50%, or 75%
• Data input ............................. By the I2C-BUS serial input function
• Coloring for ROM character
Character color ..................................... 8 colors (Character unit)
Background coloring ............................. 8 colors (Character unit)
Border (shadow) coloring ..................... 8 colors (unit of screen /
character unit)
Raster coloring.......................................8 colors (unit of screen)
• Blanking for ROM character
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
• Coloring for RAM character................................8 colors (dot by dot)
• Blanking for RAM character
Character size blanking
Matrix-outline blanking
All blanking (all raster area)
• Output ports
4 shared output ports (toggled between RGB output)
4 dedicated output ports
• Display RAM erase function
• Display input frequency range ....... FOSC = 20.0MHz to 100.0MHz
• Horizontal synchronous input frequency
........................................................ H.sync = 15 kHz to 130 kHz
• Display oscillation stop function
APPLICATION
CRT display, Liquid crystal display, Plasma display
Outline 20P4B
PIN CONFIGURATION (TOP VIEW)
Outline 20P2Q-A
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Rev.1.1
→
→
→
→
↔
→
→
→
→
→
→
CPOUT
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
CPOUT
VSS2
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
VDD2
VERT
HOR
P5/B
P4
P3/G
P2
P1/R
P0/BLNK0
VSS1
←
←
←
→
→
→
→
→
→
←
←
←
←
→
→
→
→
↔
←
←
←


Similar Part No. - M35047

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35047-XXXFP MITSUBISHI-M35047-XXXFP Datasheet
416Kb / 50P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
logo
Renesas Technology Corp
M35047-XXXFP RENESAS-M35047-XXXFP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
logo
Mitsubishi Electric Sem...
M35047-XXXSP MITSUBISHI-M35047-XXXSP Datasheet
416Kb / 50P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
logo
Renesas Technology Corp
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35047

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com