Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
18
(9) Address 12816
RR
RG
RB
FR
FG
FB
TEST26
TEST27
TEST28
BETA14
HSZ10
HSZ11
HSZ20
HSZ21
TEST29
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
Sets the raster color of all blankings.
Set the blanking color of the Border
size, or the shadow size.
Charcter size setting in the horizontal
direction for the first line.
T: Display frequency cycle
Charcter size setting in the horizontal
direction for the 2nd line to 12th line.
T: Display frequency cycle
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
RB
0
0
0
0
1
1
1
1
RG
0
0
1
1
0
0
1
1
RR
0
1
0
1
0
1
0
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
FB
0
0
0
0
1
1
1
1
FG
0
0
1
1
0
0
1
1
FR
0
1
0
1
0
1
0
1
Matrix-outline display (12 ! 18 dot)
Matrix-outline display (14 ! 18 dot)
It should be fixed to "0".
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
HSZ11
0
0
1
1
HSZ10
0
1
0
1
Horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
HSZ21
0
0
1
1
HSZ20
0
1
0
1
Horizontal direction size
1T/dot
2T/dot
3T/dot
4T/dot
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com