Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
21
(2) To set display frequency range
Whenever setting display frequency (when EXCK1 = "0",
EXCK0 = "1", or EXCK1 = "1", EXCK0 = "1"), always set the
display frequency range in accordance with the display
frequency. This range is set from DIVS0, DIVS1, DIVS2,
RSEL0 and RSEL1 (address 12116). Frequency ranges are
given here below.
(3) Notes on setting display frequency
To change external clock (display) frequency or horizontal syn-
chronization frequency, always use the following procedures.
To set EXCK1 = "0", EXCK0 = "1"
(a) Turn the display OFF. … DSPON (address 12916) = "0"
(b) Set the display frequency. … Set from DIV10 to
DIV0(address 12016) , DIVS0, DIVS1, DIVS2, RSEL0
and RSEL1 (address 12116).
(c) Wait 20 ms while the horizontal synchronization signal is
being input.
(d) Turn the display ON. … DSPON (address 12916) = "1"
To set EXCK1 = "1", EXCK0 = "1"
(a) Turn the display OFF. … DSPON (address 12916) = "0"
(b) Set the display frequency. … Set from DIV10 to
DIV0(address 12016) , DIVS0, DIVS1, DIVS2, RSEL0
and RSEL1 (address 12116).
(c) Wait 20 ms while the horizontal synchronization signal
and external clock are being input.
(d) Turn the display ON. … DSPON (address 12916) = "1"
RSEL1
0
0
1
1
0
0
1
0
0
1
1
0
0
1
0
0
RSEL0
1
0
1
0
1
0
0
1
0
1
0
1
0
0
1
0
DIVS1
0
0
0
0
0
0
1
1
1
1
1
1
1
0
0
0
DIVS0
0
0
1
1
1
1
0
0
0
1
1
1
1
0
0
0
Display frequency range MHz
90.00 to 100.00
80.00 to 90.50
73.33 to 80.67
66.67 to 74.00
60.00 to 67.33
53.33 to 60.67
50.00 to 54.00
45.00 to 50.50
40.00 to 45.50
36.67 to 40.33
33.33 to 37.00
30.00 to 33.67
26.67 to 30.33
25.00 to 27.75
22.50 to 25.25
20.00 to 22.75
DIVS2
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com