Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
9
DISPLAY RAM
Address 00016 to 11F16
Register
Status
Contents
Function
Remarks
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Set the displayed ROM character code.
*RAM character is selected using the 8 bits from C7 to C0.
When C7 to C0=(111111102) is set. And, RAM character code
is set to R, G and B.
DA
Set display character
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Set blinking
See register BLINK2 to BLINK0 (ad-
dress12916)
Do not blink.
Blinking
BB
0
0
0
0
1
1
1
1
C0
C1
C2
C3
C4
C5
C6
C7
R
G
B
BLINK
BR
BG
BB
Set character color (character unit)
* When set C7 to C0= (111111102), can
be set RAM character code.
BR
0
1
0
1
0
1
0
1
BG
0
0
1
1
0
0
1
1
B
0
0
0
0
1
1
1
1
R
0
1
0
1
0
1
0
1
G
0
0
1
1
0
0
1
1
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
Color
Black
Red
Green
Yellow
Blue
Magenta
Cyan
White
B
0
0
0
0
1
1
1
1
R
0
1
0
1
0
1
0
1
G
0
0
1
1
0
0
1
1
RAM character code
RAM character 0
RAM character 1
RAM character 2
RAM character 3
RAM character 4
RAM character 5
RAM character 6
RAM character 7
____
Note. The display RAM is undefined state at the AC pin.
Set character background color.
(character unit)
* When set C7 to C0=(111111102)
and register RBLK0
(address 12416)= “1”, set coloring
prohibition color.
Moreover, when the blink is set, the
parts other than the color set by this
register are blinks.
See DISPLAY FORM 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com