Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
28
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by
the I2C-BUS serial input function. Example of data setting is
shown in Figure 19 (at EXCK0 = "1", EXCK1 = "0" setting).
Fig. 19 Example of data setting
DAE DAD DAC DAB DAA DA9 DA8 DA7 DA6 DA5 DA4 DA3 DA2 DA1 DA0
Remarks
Address/data
Address 12016
Data
12016
Data
12116
Data
12216
Data
12316
Data
12416
Data
12516
Data
12616
Data
12716
Data
12816
Data
12916
Address 20016
Data
20016
Data
2F116
Address 20016
Data
20016
Data
2F116
Address 20016
Data
20016
Data
2F116
Address00016
Data
00016
Data
11F16
Address 12916
Data
12916
System set up (Note 3)
Address setting
Frequency value setting
Frequency range setting
Output setting
Horizontal display location setting
Vertical display location setting
Display form setting
Character size setting
Character size setting
Color, character size setting
Display OFF
Be stable/Waiting time
Background
coloring
Character
color
Character code
200 m sec hold
Blink
-ing
Bit color
Bit code/RED
Bit code/GREEN
Bit code/BLUE
RED•bit code setting
GREEN•bit code setting
BLUE•bit code setting
DAF
Address setting
20 m sec hold
Bit color
Bit color
Notes 1 : Input a continuous clock of constant period from the TCK pin. Also, input a horizontal synchronous signal into the HOR pin and a vertical
synchronous signal into the VERT pin.
2 : Matrix-outline display in this data.
3:
____
Secure the waiting time of 200ms after releasing AC, and set data from setting the display frequency (setting of the register).
Address setting
Address setting
Address setting
Address setting
Character setting
Display ON (Note 2)
00
00
0
0
01
0
0
10
00
00
00
0
0
0
DIV10 DIV9
DIV8
DIV7
DIV6
DIV5
DIV4
DIV3
DIV2
DIV1
DIV0
00
1 RSEL1RSEL0 DIVS2 DIVS1 DIVS0
11
10
1011
00
00
0
0
01
1
1
10
10
11
00
0
0
0
HP10
HP9
HP8
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
00
0
0
0
VP10
VP9
VP8
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
00
00
0
0
00
0
0
00
00
00
00
00
0
0
00
0
0
00
00
00
00
00
0
0
00
0
0
00
00
00
00
00
0
0
00
0
0
00
00
00
00
00
0
0
00
0
0
0
POLH POLV
00
0
00
00
0
0
10
0
0
00
00
00
00
01
FR000B FR000A FR0009 FR0008 FR0007 FR0006 FR0005 FR0004 FR0003 FR0002 FR0001 FR0000
00
01 FR711B FR711A FR7119 FR7118 FR7117 FR7116 FR7115 FR7114 FR7113 FR7112 FR7111 FR7110
00
00
0
0
10
0
0
00
00
00
00
10 FR000B FR000A FR0009 FR0008 FR0007 FR0006FR0005 FR0004FR0003 FR0002 FR0001FR0000
0
010 FR711B FR711A FR7119 FR7118 FR7117 FR7116 FR7115 FR7114 FR7113 FR7112 FR7111 FR7110
0
000
0
0
10
0
0
00
00
00
0
100 FR000B FR000A FR0009 FR0008 FR0007 FR0006FR0005 FR0004FR0003 FR0002 FR0001FR0000
0
100 FR711B FR711A FR7119 FR7118 FR7117 FR7116 FR7115 FR7114 FR7113 FR7112 FR7111 FR7110
0
000
0
0
00
0
0
00
00
00
0BB BG BR BLINK B
G
R
C7C6
C5C4C3C2
C1 C0
0BB BG BR BLINK B
G
R
C7C6
C5C4C3C2
C1 C0
0
000
0
0
01
0
0
10
10
01
0
000
0
1
00
0
1
1
POLH POLV
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com