Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 19 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 19 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
19
(10) Address 12916
BCOL
B/F
VMASK
POLV
POLH
BLK0
BLK1
SYAD
RAMERS
STOP
DSPON
BLINK0
BLINK1
BLINK2
TEST30
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
Blanking of BLK0, BLK1
All raster blanking
Synchronize with the leading edge of horizontal synchronization.
Synchronize with the trailing edge of horizontal synchronization.
Do not mask by VERT input signal
Mask by VERT input signal
VERT pin is negative polarity
VERT pin is positive polarity
HOR pin is negative polarity
HOR pin is positive polarity
( When DSPn (address 12516) = "0" )
Border display of character
Shadow display of character
RAM not erased
RAM erased
Oscillation of clock for display
Stop the oscillation of clock for display
Display OFF
Display ON
Divided into 64 of vertical synchronous signal
Divided into 32 of vertical synchronous signal
It should be fixed to "0".
Can not be used.
Sets all raster blanking
Synchronize with the front porch or
back porch of the horizontal
synchronization signal.
Set mask at phase comparison
operating.
Set VERT pin polarity.
Set HOR pin polarity.
Set blanking mode.
See DISPLAY FORM 1 (1).
See DISPLAY FORM 1 (2).
Set blinking duty ratio.
Set blinking frequency.
0
1
0
1
0
0
1
1
BLINK1 BLINK0
Duty
Blinking OFF
25%
50%
75%
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
0
1
0
1
0
0
1
1
BLK1
BLK0
When register RAMERS is set to "1"
, do not
stop the display clock. There is no need to
reset because there is no register for this
bit.Refer to REGISTER SUPPLEMENTARY
DESCRIPTION.
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com