Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
25
Fig. 16 Display form2
< Register BCOL="0", RBLK0="1">
(Note 1)
Note 1 : When register BCOL = "1", the raster range of the display modes set respectively by RBLK0 is colored by register RR, RG and RB
(address 12816) . And the blanking mode is set all blanking size (all raster size) independent of the RBLK0 settings.
Note 2 : The horizontal size of the full matrix-outline size can be set to 14 dots by register BETA14 (address 12816). BLNK0 can also be out-
put at 14 dots.
Note 3 : When display mode (setting by register BLK1, BLK0, DSPn) is Matrix-outline display or Matrix-outline border display, register
RBLK0= "1" setting (coloring prohibition color setting) is invalid.
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
12dots (Note 2)
RAM Character
ROM Character
R,GorB output
BLNK0 output
Scanning
R,GorB output
BLNK0 output
Scanning
Scanning
Scanning
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No. Character color
(Character unit)
.
BR, BG, BB of display RAM : Coloring prohibition
(Character unit)
color
Display mode
: Character display
(b)
(Character size)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No. Character color
(Character unit)
BR, BG, BB of display RAM : Coloring prohibition
Border color
(Character unit)
color
Display mode
: Character display
(c)
(Character size)
Color setting
(RAM character setting)
(ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
(Note 3)
Matrix-outline color
(Character unit)
Display mode
: Matrix-outline display
(d)
(Matrix-outline size)
(Note 3)
Color setting
(RAM character setting) (ROM character setting)
R, G, B of display RAM
: RAM character code No.
Character color
(Character unit)
BR, BG, BB of display RAM :
(Note 3)
Matrix-outline color
(Character unit)
FR, FG, FB of register
:
Border color
(Display unit)
Display mode
: Matrix-outline display
(a)
(Matrix-outline size)
(Note 3)
( ) is blanking mode.
Refer to DISPLAY FORM 1 about (a)-(d).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com