Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 34 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 34 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
34
NOTE FOR SUPPLYING POWER
__
(1)Timing of power supplying to AC pin
The internal circuit of M35047-XXXSP/FP is reset when the
__
level of the auto clear input pin AC is "L". This pin in hysteresis
input with the pull-up resistor.
__
The timing about power supplying of AC pin is shown in Figure 26.
DATA REQUIRED FOR MASK ROM
ORDERING
Please send the following data for mask orders.
(1) M35047-XXXSP/FP mask ROM order confirmation form
(2) 20P4B mark specification form
(3) 20P2Q-A mark specification form
(4) ROM data : EPROMs or floppy disks
*In the case of EPROMs, thres sets of EPROMs are required
per pattern.
*In the case of floppy disks, 3.5-inch 2HD disk (1BM format) is
required per pattern.
PRECAUTION FOR USE
Notes on noise and latch-up
In order to avoid noise and latch-up, connect a bypass capacitor
(
≈0.1µF) directly between the VDD1 pin and VSS1 pin, and the
VDD2 pin and VSS2 pin using a heavy wire.
__
Fig.26 Timing of power supplying to AC pin
After supplying the power (VDD and VSS) to M35047-XXXSP/FP
and the supply voltage becomes more than 0.8 ! VDD, it needs
__
to keep VIL time; tw of the AC pin for more than 1ms.
__
Start inputting from microcomputer after AC pin supply voltage
becomes more than 0.8 ! VDD and keeping 200ms wait time.
(2)Timing of power supplying to VDD1 and VDD2.
Supply power to VDD1 and VDD2 at the same time.
Note for waveform timing of the horizontal signals to the HOR pin
Set horizontal synchronous signal edge* waveform timing to under
5ns and input to HOR pin.
_
Set only the side which set by B/F register waveform timing under
5ns and input to HOR pin.
_
*: Set front porch edge or back porch edge by B/F register.
Voltage [V]
VDD
0.8 x VDD
0.2 x VDD
Supply voltage
more than 1ms
tW
tS
Time t [s]
Data input disable
VAC
(AC pin input voltage)
90%
10%
tf
tr
Horizontal synchronous signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com