Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
12
(3) Address 12216
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Function
Contents
Remarks
Status
PTD0
PTD1
PTD2
PTD3
PTD4
PTD5
PTD6
PTD7
TEST11
TEST12
TEST13
TEST14
TEST15
TEST16
TEST17
"L" output or negative polarity output (BLNK0 output).
"H" output or positive polarity output (BLNK0 output).
"L" output or negative polarity output (R signal output).
"H" output or positive polarity output (R signal output).
"L" output.
"H" output.
"L" output or negative polarity output (G signal output).
"H" output or positive polarity output (G signal output).
"L" output.
"H" output.
"L" output or negative polarity output (B signal output).
"H" output or positive polarity output (B signal output).
"L" output.
"H" output.
"L" output.
"H" output.
Can not be used.
It should be fixed to "1".
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
P0 pin data control.
P1 pin data control.
P2 pin data control.
P3 pin data control.
P4 pin data control.
P5 pin data control.
P6 pin data control.
P7 pin data control.
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com