Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
16
(7) Address 12616
LIN2
LIN3
LIN4
LIN5
LIN6
LIN7
LIN8
LIN9
V1SZ0
V1SZ1
VSZ1L0
VSZ1L1
VSZ1H0
VSZ1H1
TEST24
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
H: Cycle with the horizontal synchronizing pulse
V1SZ1
0
0
1
1
H: Cycle with the horizontal synchronizing pulse
VSZ1L1
0
0
1
1
VSZ1L0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
VSZ1H1
0
0
1
1
VSZ1H0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
0
1
H: Cycle with the horizontal synchronizing pulse
It should be fixed to "0".
Can not be used.
V1SZ0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
Character size setting in the vertical
direction for the 2nd line.
Character size setting in the vertical
direction for the 3rd line.
Character size setting in the vertical
direction for the 4th line.
Character size setting in the vertical
direction for the 5th line.
Character size setting in the vertical
direction for the 6th line.
Character size setting in the vertical
direction for the 7th line.
Character size setting in the vertical
direction for the 8th line.
Character size setting in the vertical
direction for the 9th line.
Character size setting in the vertical
direction for the 1st line.
(display monitor 1 to 12 line)
Character size setting in the vertical
direction (display monitor 1 line) at "0"
state in register LIN2 to LIN17
(address 12616, 12716).
Character size setting in the vertical
direction (display monitor 1 line) at "1"
state in register LIN2 to LIN17
(address 12616, 12716).
The vertical dot size for line n in the character dot lines (18 vertical
lines) is set using LINn (n = 2 to 17).
Dot size can be selected between 2 types for each dot line.
For dot size, see the below registers. Line 1 and lines 2 to 12 can
be set independent of one another.
1st line
2nd to 12th
line
LINn = "0"
LINn = "1"
Refer to VSZ1L0
and VSZ1L1
Refer to VSZ2L0
and VSZ2L1
Refer to VSZ1H0
and VSZ1H1
Refer to VSZ2H0
and VSZ2H1
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com