Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
14
(5) Address 12416
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
VP8
VP9
VP10
TEST18
TEST19
RBLK0
TEST20
If VS is the vertical display start location,
VS = H !
2nVPn
T: Cycle with the horizonal synchronizing pulse
2047 settings are possible.
The vertical start location is specified
using the 11 bits from VP10 to VP0.
VP10 to VP0 = (000000000002) setting
is forbidden.
HS*(shown left) shows horizontal dis-
play start location this is register B/F
(address 12916) = "0" is set.
.
Sets the blanking mode of RAM charac-
ter.
See DISPLAY FORM 2.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
Matrix-outline size.
Charcter size. (Note 2)
It should be fixed to "0".
Can not be used.
Display area
HS*
VS
HOR
10
Σ
n = 0
Note1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
Note2. The part of the appointed color by BB, BG and BB of the display RAM changes that the blanking is "OFF".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com