Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
15
(6) Address 12516
DSP0
DSP1
DSP2
DSP3
DSP4
DSP5
DSP6
DSP7
DSP8
DSP9
DSP10
DSP11
TEST21
TEST22
TEST23
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
Remarks
Sets the display mode of line 1.
Sets the display mode of line 2.
Sets the display mode of line 3.
Sets the display mode of line 4.
Sets the display mode of line 5.
Sets the display mode of line 6.
Sets the display mode of line 7.
Sets the display mode of line 8.
Sets the display mode of line 9.
Sets the display mode of line 10.
Sets the display mode of line 11.
Sets the display mode of line 12.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
The display modes of display screen inside n+1 line by DSPn (n=0
‘
11)
The display mode decided by the combination with registers BLK1
and BLK0 (address 12916).
Settings are given below.
For detail, see DISPLAY FORM 1 (1).
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn="0"
Matrix-outline border
Character
Border
Matrix-outline
DSPn="1"
Matrix-outline
Border
Matrix-outline
Charcter
(
At register BCOL="0")
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com