Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 40 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 40 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 44Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
40
GZZ-SH56-34B<92A0>
MASK ROM CONFIRMATION FORM
SCREEN DISPLAY IC M35047-XXXSP/FP
MITSUBISHI ELECTRIC
Data :
Supervisor
signature
Section head
signature
Mask ROM number
Company
name
Supervisor
Date :
TEL
()
Subumitted by
Note : Please fill in all items marked g,
.
g Customer
Data
issued
g 1. Confirmation
Confirm the Character Font Preparation Program in Mitsubishi Sales Sites.
Three EPROMs are required for each pattern if this order is performed by EPROMs.
One floppy disk is required for each pattern if this order is performed by a floppy disk.
Ordering by EPROMs
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on this data. We shall assume the
responsibility for errors only if the mask ROM data on the products we produce differs from this data. Thus, extreme care must be taken to
verify the data in the submitted EPROMs (27512 type used).
(1) The font data prepared by the Character Font Preparation Program is saved as a binary type object file (addresses 0000h to
FFFFh) and a hex type object file . Three sets of these EPROMs are required.
(2) Attach the erase protect seals on three EPROMs. Each seal bears the type name (M35047), and ROM No. (–...SP/FP).
Ordering by floppy disk
We will produce masks based on the mask files generated by the mask file generating utility. We shall assume the responsibility for errors
only if the mask ROM data on the products we produce differs from this mask file. Thus, extreme care must be taken to verify the mask file
in the submitted floppy disk.
The mask files forms hex-file made by the character font preparation program in the mask file generation utility. Submit the mask file after be
saved in the floppy disk.
The submitted floppy disk must be 3.5-inch 2HD type and DOS/V format. And the number of the mask files must be one in one floppy disk.
2. Select the marking type (Check  in the appropriate box).
Special Mark
....... Fill in the Mark Specification Form (20P4B for M35047-XXXSP, 20P2Q-A for M35047-XXXFP)
and attach to the Mask ROM Confirmation Form.
Standard Mark
....... No writing is required.
3. Select the package type (Check  in the appropriate box).
....... SDIP (M35047-XXXSP)
....... SSOP (M35047-XXXFP)
4. Comments
File code
(hexadecimal notation)
Mask file name
.MSK (equal or less than eight characters)
Checksum code for entire EPROM
(hexadecimal notation)
Save file name M
0
4
7
R
.
V
(equal or less than eight characters )
g
g
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com