Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35047 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M35047
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS?
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35047 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M35047 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35047 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35047-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
13
(4) Address 12316
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
If HS is the horizontal display start location,
HS = T !
(
2nNPn+m)
T: Period of display frequency
2007 settings are possible.
m : offset value differ for the setting of the register EXCK0 and
EXCK1. It shown below.
10
Σ
n = 0
Register
DA
Function
Contents
Remarks
Status
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
HP9
HP10
TEST0
TEST1
TEST2
TEST3
Horizontal display start location is speci-
fied using the 11 bits from HP10 to HP0.
HP10 to HP0 = (000000000002) and
(000001001112) setting is forbidden.
HS*(shown left) shows horizontal dis-
play start location this is register B/F
(address 12916) = "0" is set.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
Display area
HS*
VS
HOR
Note. The mark
around the status value means the reset status by the "L" level is input to AC pin.
EXCK1
EXCK0
m
00
1
1
01
0
1
13
13
Do not set
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com