Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 11 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
2.4.5. Digital Specification
Conditions: Temp = 25 °
C, VDD = 3.3 V, crystal freq uency = 12.8 MHz, unless otherwise specified.
Table 9: Digital Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
VIH
Digital input level high
0.8*VDD
-
-
V
VIL
Digital input level low
-
-
0.2*VDD
V
VOH
Digital output level high
Imax=1mA
0.9*VDD
-
-
V
VOL
Digital output level low
Imax=-1mA
-
-
0.1*VDD
V
SCK_CONFIG
SPI Config. clock frequency
-
-
6
MHz
SCK_DATA
SPI Data clock frequency
-
-
1
MHz
T_DATA
DATA hold and setup time
2
-
-
µs
T_MOSI_C
MOSI setup time for SPI Config.
250
-
-
ns
T_MOSI_D
MOSI setup time for SPI Data.
312
-
-
ns
T_NSSC_L
NSS_CONFIG low to SCK rising edge.
SCK falling edge to NSS_CONFIG high.
500
-
-
ns
T_NSSD_L
NSS_DATA low to SCK rising edge.
SCK falling edge to NSS_DATA high.
625
-
-
ns
T_NSSC_H
NSS_CONFIG rising to falling edge.
500
-
-
ns
T_NSSD_H
NSS_DATA rising to falling edge.
625
-
-
ns
Note: on pin 10 (XTAL_P) and 11 (XTAL_N), maximum voltages of 1.8V can be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com