Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 80Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 81Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 82Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 83Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 80 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
0
2 5
5 0
75
10
7.6.4. Sensitivity Stability over Temperature and Voltage
Sensitivity Stability
1.5
1.0
0.5
0.0
2.10
2.40
2.70
3.00
3.30
3.60
-0.5
85°
C
25°
C
0°
C
-40°
C
-1.0
-1.5
-2.0
-2.5
VDD [V]
Note:
Figure 67: Sensitivity Stability
•
The sensitivity performance is very stable over the VDD range, and the effect of high temperature is minimal.
7.6.5. Sensitivity vs. Bit Rate
8.0
Sensitivity Change over BR
6.0
4.0
2.0
0.0
0
-2.0
-4.0
-6.0
-8.0
Bit Rate [kb/s]
Figure 68: FSK Sensitivity vs. BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com