Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 23Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 24Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 21 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
DATA
VR_PA
[V]
95 %
95 %
tVR_PA
tVR_PA
PA Output
power
60 dB
60 dB
tPA_OUT
tPA_OUT
Figure 10: PA Control
3.3.7.2. Optimum Load Impedance
As the PA and the LNA front-ends in the RF63 share the same Input/Output pin, they are internally matched to
approximately 50
Ω.
Pmax-1dB circle
Max Power
Zopt = 30+j25 Ω
Figure 11: Optimal Load Impedance Chart
Please refer to the reference design section for an optimized PA load setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com