Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 63Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 64Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 65Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 66Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 67Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 64 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.6. Transmitter Parameters - TXParam
The detailed description of the TXParam register is given in Table 31.
Table 31: TXParam Register Description
Name
Bits
Address (d)
RW
Description
InterpFilt
7-4
26
r/w
Tx Interpolation filter cut off frequency:
fc
200kHz.
F
xtal MHz .
1 Val(InterpFiltTx)
12.8MHz
8
(d):
“0111” => fC = 200 kHz
Pout
3-1
26
r/w
Tx output power (1 step
≈ 3 dB):
000
- 13 dBm
001
- 13 dBm -1 step (d)
010
- 13 dBm — 2 steps
011
- 13 dBm — 3 steps
100
- 13 dBm — 4 steps
101
- 13 dBm — 5 steps
110
- 13 dBm — 6 steps
111
- 13 dBm — 7 steps
Res
0
26
r/w
Reserved
(d):
“0”
6.7. Oscillator Parameters - OSCParam
The detailed description of the OSCParam register is given in Table 32.
Table 32: OSCParam Register Description
Name
Bits
Address
(d)
RW
Description
Clkout_on
7
27
r/w
Clkout control
0
- Disabled
1
- Enabled, Clk frequency set by Clkout_freq (d)
Clkout_freq
6-2
27
r/w
Frequency of the signal provided on CLKOUT:
fclkout
f xtal if Clkout_freq = “00000”
f
fclkout
xtal
otherwise
2 Clkout _ freq
(d): 01111 (= 427 kHz)
Res
1-0
27
r/w
Reserved
(d):
“00”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com