Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 68Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 69Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 70Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 71Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 72Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 73Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 72 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Undefined
Wait for
10 ms
Chip is ready from
this point on
5 ms
this point on
High-Z
7.4. Reset of the Chip
A power-on reset of the RF63 is triggered at power up. Additionally, a manual reset can be issued by controlling
pin 13.
7.4.1. POR
If the application requires the disconnection of VDD from the RF63, despite of the extremely low Sleep Mode
current, the user should wait for 10 ms from of the end of the POR cycle before commencing communications over
the SPI bus. Pin 13 (TEST8) should be left floating during the POR sequence.
VDD
Pin 13
(output)
Figure 54: POR Timing Diagram
Please note that any CLKOUT activity can also be used to detect that the chip is ready.
7.4.2. Manual Reset
A manual reset of the RF63 is possible even for applications in which VDD cannot be physically disconnected.
Pin 13 should be pulled high for a hundred microseconds, and then released. The user should then wait for 5 ms
before using the chip.
VDD
Pin 13
High-Z
> 100 us
‟‟1‟‟
Wait for
Chip is ready from
(input)
Figure 55: Manual Reset Timing Diagram
Please note that while pin 13 is driven high, an over current consumption of up to ten milliamps can be seen on
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com