Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 78 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 78 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 74Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 75Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 76Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 77Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 80Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 81Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 82Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 78 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.6.2. Sensitivity vs. LO Drift
Sensitivity Loss vs. LO Drift
6.0
5.0
4.0
3.0
2.0
1.0
0.0
-1.0
-25
-20
-15
-10
-5
0
5
10
15
20
25
LO Drift [kHz]
Figure 63: FSK Sensitivity Loss vs. LO Drift
Sensitivity Loss vs. LO Drift
6.0
5.0
4.0
3.0
2.0
1.0
0.0
-1.0
-100
-80
-60
-40
-20
0
20
40
60
80
100
LO Drift [kHz]
Notes:
Figure 64: OOK Sensitivity Loss vs. LO Drift
•
In FSK Mode, the default filter setting
(“A3” at address $16) is kept, leading to Fc=96 kHz typ.
•
In OOK Mode,
“F3” is set at address $16, leading to (Fc-Fo)=95 kHz typ.
•
The above ensures that the channel filter is wide enough, therefore characterizing the demodulator response,
and NOT the filter response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com