Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 55Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 56Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 57Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 58Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 59Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 60Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 61Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 62Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 59 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Data_mode_1
2
1
r/w
Data operation mode
‟s MSB. Cf. Data_mode_0 (Bit 5 Addr 1)
Data_mode_1
Bit 2 addr 1
Data_mode_0
Bit 5 addr 1
Data Operation
Mode
0
0
Continuous (d)
0
1
Buffered
1
x
Packet
IF_gain
1-0
1
r/w
Gain on the IF chain:
00
- maximal gain (0dB) (d)
01
- -4.5 dB
10
- -9dB
11
- -13.5 dB
Freq_dev
7-0
2
r/w
Single side frequency deviation in FSK Transmit mode:
Refer to sections 3.3.4 and 3.3.5
Fdev =
f
XTAL
, 0
≤ D ≤ 255, where D is the value in the register.
32 (D
1)
(d): D =
“00000011” => Fdev = 100 kHz
Res
7
3
r/w
Reserved
(d):
“0”
BR
6-0
3
r/w
Bit Rate =
f XTAL
, 0
≤ C ≤ 127, where C is the value in the register.
64 (C 1)
(d): C =
“0000111” => Bit Rate = 25 kb/s NRZ
OOK_
floor_thresh
7-0
4
r/w
Floor threshold in OOK Rx mode. By default 6 dB.
(d):
“00001100” assuming 0.5 dB RSSI step
Fifo_size
7:6
5
r/w
FIFO size selection:
00
- 16 bytes (d)
01
- 32 bytes
10
- 48 bytes
11
- 64 bytes
Fifo_thresh
5-0
5
r/w
FIFO threshold for interrupt source (Cf section 5.2.2.3)
(d): B =
“001111”
R1
7-0
6
r/w
R counter, active when RPS_select=
”0”
(d):77h; default values of R1, P1, S1 generate 915.0 MHz in FSK mode
P1
7-0
7
r/w
P counter, active when RPS_select=
”0”
(d): 64h; default values of R1, P1, S1 generate 915.0 MHz in FSK mode
S1
7-0
8
r/w
S counter, active when RPS_select=
”0”
(d): 32h; default values of R1, P1, S1 generate 915.0 MHz in FSK mode
R2
7-0
9
r/w
R counter, active when RPS_select=
”1”
(d): 74h; default values of R2, P2, S2 generate 920.0 MHz in FSK mode
P2
7-0
10
r/w
P counter, active when RPS_select=
”1”
(d): 62h; default values of R2, P2, S2 generate 920.0 MHz in FSK mode
S2
7-0
11
r/w
S counter, active when RPS_select=
”1”
(d): 32h; default values of R2, P2, S2 generate 920.0 MHz in FSK mode
Res
7-5
12
r/w
Reserved
(d):
“001”
PA_ramp
4-3
12
r/w
Ramp control of the rise and fall times of the Tx PA regulator output voltage in
OOK mode:
00
- 3us
01
- 8.5 us
10
- 15 us
11
- 23 us (d)
Res
2-0
12
r/w
Reserved
(d):
”000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com