Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 83Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 84Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 85Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 86Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 87Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 88Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 89Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 90Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 91Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 89 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.6.14. Current Stability over Temperature and Voltage
1200
Sleep Mode Current
100
Standby Mode Current
90
1000
80
800
600
400
60
85°
C
25°
C
50
0°
C
-40°
C
40
30
85°
C
25°
C
0°
C
-40°
C
200
10
0
2.1
2.4
2.7
3
3.3
3.6
VDD [V]
0
2.1
2.4
2.7
3
3.3
3.6
VDD [V]
2.00
FS Mode Current
4.00
Rx Mode Current
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
85°
C
25°
C
0°
C
-40°
C
3.00
2.50
2.00
1.50
1.00
0.50
85°
C
25°
C
0°
C
-40°
C
0.00
2.1
2.4
2.7
3
3.3
3.6
VDD [V]
0.00
2.1
2.4
2.7
3
3.3
3.6
VDD [V]
Tx Mode Current
(Max Output Power)
30.0
25.0
20.0
15.0
85°
C
25°
C
-40°
C
0°
C
10.0
5.0
0.0
2.1
2.4
2.7
3.0
3.3
3.6
VDD [V]
Figure 87: IDD vs. Temp and VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com