Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 78Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 79Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 80Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 81Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 82Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 83Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 84Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 85Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 82 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ACR in OOK Mode
60
50
40
30
20
10
-300
-200
-100
0
0
100
200
300
-10
-20
Offse t [kHz]
Notes:
Figure 71: ACR in OOK Mode
•
In FSK mode, the unwanted signal is unmodulated (as described in the EN 300-220 V2.1.1).Co-Channel
Rejection (CCR, Offset = 0kHz) is positive due to the DC cancellation process of the zero-IF architecture
•
In OOK mode, the polyphase filter efficiency is limited, thus limiting the adjacent channel rejection at 2xFo
distance.
7.6.7. Output Power Flatness
Pout Over the Frequency Band
12.0
4.0
10.0
2.0
8.0
0.0
6.0
-2.0
4.0
-4.0
2.0
-6.0
0.0
-8.0
863
864
865
866
867
868
869
870
Fre quency [MHz]
Pout
SAW Ripple
Figure 72: Pout for 869 MHz Band Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com