Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 20Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 21Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 22Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 19 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
In OOK mode, the phase difference between the I and Q channels is kept constant (independent of the transmitted
data). Thus, the first stage of up-conversion creates a fixed frequency signal at the low IF = Fdev (This explains
why the transmitted OOK spectrum is offset by Fdev).
OOK Modulation is accomplished by switching on and off the PA and PA regulator stages. By convention:
DATA=
DATA=
''1'' PAon
''0' ' PAoff
After the interpolation filters, a set of four mixers combines the I and Q signals and converts them into a pair of
complex signals at the second intermediate frequency, equal to 1/8 of the LO frequency, or 1/9 of the RF
frequency. These two new I and Q signals are then combined and up-converted to the final RF frequency by two
quadrature mixers fed by the LO signal. The signal is pre-amplified, and then the transmitter output is driven by a
final power amplifier stage.
3.3.2. Bit Rate Setting
In Continuous transmit mode, setting the Bit Rate is useful to determine the frequency of DCLK. As explained in
section 5.3.2, DCLK will trigger an interrupt on the uC each time a new bit has to be transmitted.
3.3.3. Alternative Settings
Bit rate, frequency deviation and TX interpolation filter settings are a function of the reference oscillator crystal
frequency, FXTAL. Settings other than those programmable with a 12.8 MHz crystal can be obtained by selection of
the correct reference oscillator frequency. Please contact your local HopeRF representative for further details.
3.3.4. Fdev Setting in FSK Mode
The frequency deviation, Fdev, of the FSK transmitter is programmed through bits MCParam_Freq_dev:
For correct operation the modulation index ß should be such that:
It should be noted that for communications between a pair of RF63s, that Fdev should be at least 33 kHz to
ensure a correct operation on the receiver side.
3.3.5. Fdev Setting in OOK Mode
Fdev has no physical meaning in OOK transmit mode. However, as has been shown - due to the DDS baseband
signal generation, the OOK signal is always offset by
“-Fdev” (see formulas is section 3.2.8). It is suggested that
Fdev retains its default value of 100 kHz in OOK mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com