Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RF63 Datasheet HTML 1Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 2Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 5 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
This product datasheet contains a detailed description of the RF63 performance and functionality.
1. General Description
The RF63 is a single chip FSK and OOK transceiver capable of operation in the 863-870 MHz and 902-928 MHz
license free ISM frequency bands, as well as the 950 - 960 MHz frequency band. It complies with both the relevant
European and North American standards, EN 300-220 V2.1.1 (June 2006 release) and FCC Part 15 (10-1-2006
edition). A unique feature of this circuit is its extremely low current consumption in receiver mode of only 3mA (typ).
The RF63 comes in a 5x5 mm TQFN-32 package.
1.1. Simplified Block Diagram
Figure 1: RF63 Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com