Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF63 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RF63
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF63 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RF63 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF63 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 8 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Symbol
Description
Conditions
Min
Typ
Max
Unit
IDDSL
Supply current, Sleep mode
-
0.1
2
µA
IDDST
Supply current in standby
mode, CLKOUT disabled
(2)
-
65
80
µA
IDDFS
Supply current in FS mode
Frequency synthesizer
running
-
1.3
1.7
mA
IDDR
Supply current in Rx mode
-
3.0
3.5
mA
IDDT
Supply current in Tx mode
Output power = +10 dBm
Output power = 1dBm
(1)
-
-
25
16
30
21
mA
mA
2. Electrical Characteristics
2.1. ESD Notice
The RF63 is a high performance radio frequency device. It satisfies:
•
Class 2 of the JEDEC standard JESD22-A114-B (Human Body Model), except on pins 3-4-5-27-28-29-32
where it satisfies Class 1A.
•
Class III of the JEDEC standard JESD22-C101C (Charged Device Model) on all pins.
It should thus be handled with all the necessary ESD precautions to avoid any permanent damage.
2.2. Absolute Maximum Ratings
Stresses above the values listed below may cause permanent device failure. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VDDmr
Supply voltage
-0.3
3.7
V
Tmr
Storage temperature
-55
125
°
C
Pmr
Input level
-
0
dBm
2.3. Operating Range
Table 4: Operating Range
Symbol
Description
Min
Max
Unit
VDDop
Supply Voltage
2.1
3.6
V
Trop
Temperature
-40
+85
°
C
ML
Input Level
-
0
dBm
2.4. Chip Specification
Conditions: Temp = 25 °
C, VDD = 3.3 V, crystal freq uency = 12.8 MHz, carrier frequency = 869 or 915 MHz,
modulation FSK, data rate = 25 kb/s, Fdev = 50 kHz, fc = 100 kHz, unless otherwise specified.
2.4.1. Power Consumption
Table 5: Power Consumption Specification
Crystal oscillator running
(1) Guaranteed by design and characterization
(2) Crystal Cload=10pF, C0=2.5pF, Rm=15 Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com